Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-125DC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PLC-RSC-125DC
Description  PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-125DC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PLC-RSC-125DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLC-RSC-125DC/21 Order No.: 2980021
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2980021
PHOENIX CONTACT Inc., USA
Page 2 / 6
http://www.phoenixcon.com
Aug 19, 2011
Contact material
AgSnO
Maximum switching voltage
250 V AC/DC (The separating plate PLC-ATP should be installed
for voltages larger than 250 V (L1, L2, L3) between identical
terminal blocks in adjacent modules. Potential bridging is then
carried out with FBST 8-PLC... or ...FBST 500...)
Minimum switching voltage
5 V (at 100 mA)
Min. switching current
10 mA (at 12 V)
Limiting continuous current
6 A
General data
Width
6.2 mm
Height
80 mm
Depth
94 mm
Test voltage relay winding/relay contact
4 kV AC (50 Hz, 1 min.)
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Operating mode
100% operating factor
Mechanical service life
Approx. 107 cycles
Inflammability class acc. to UL 94
V0
Name
Standards/regulations
Standards/regulations
IEC 60664
IEC 60664 A
DIN VDE 0110
DIN EN 50178/DIN VDE 0160 (in relevant parts)
IEC 60255/DIN VDE 0435 (in relevant parts)
DIN EN 50178/VDE 0160
Pollution degree
3
Surge voltage category
III
Mounting position
Any
Assembly instructions
In rows with zero spacing
Connection data
Connection method
Screw connection
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
2.5 mm²



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com