Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-125DC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PLC-RSC-125DC
Description  PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-125DC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PLC-RSC-125DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-125DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PLC-RSC-125DC/21 Order No.: 2980021
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2980021
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Aug 19, 2011
Bridges
2966812
FBST 6-PLC BU
Single plug-in bridge, Length: 6 mm, Number of positions: 2,
Color: blue
2966825
FBST 6-PLC GY
Single plug-in bridge, Length: 6 mm, Number of positions: 2,
Color: gray
2966236
FBST 6-PLC RD
Single plug-in bridge, Length: 6 mm, Number of positions: 2,
Color: red
2967688
FBST 8-PLC GY
Single plug-in bridge, Length: 8 mm, Number of positions: 2,
Color: gray
2966692
FBST 500-PLC BU
Continuous plug-in bridge, Length: 500 mm, Color: blue
2966838
FBST 500-PLC GY
Continuous plug-in bridge, Length: 500 mm, Color: gray
2966786
FBST 500-PLC RD
Continuous plug-in bridge, Length: 500 mm, Color: red
General
2980018
PLC-BSC-125DC/21
Basic terminal block
2966508
PLC-ESK GY
Power terminal block, for the input of up to four potentials, for
mounting on NS 35/7.5
2961118
REL-MR- 60DC/21
Pluggable miniature relays, with power contact, 1 PDT, input
voltage 60 V DC
Marking
1051016
ZB 6,LGS:FORTL.ZAHLEN
Zack marker strip, 10-section, printed horizontally: with the
numbers 1 - 10, 11 - 20 and so on up to 491 - 500, color: white
5060935
ZB 6/WH-100:UNBEDRUCKT
Zack strip, unprinted: For individual labeling with M-PEN, ZB-T
or CMS system, large batch, sufficient for labeling 1000 terminal
blocks, for a terminal width of 6.2 mm, color: White
1051003
ZB 6:UNBEDRUCKT
Zack strip, unprinted, strips with 10 labels for individual labeling
with M-PEN or CMS system, for terminal block width: 6.2 mm,
color: white
Tools
1204517
SZF 1-0,6X3,5
Actuation tool, for ST terminal blocks, also suitable for use as a
bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-component grip,
with non-slip grip



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com