Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6233CS6 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6233CS6
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6233CS6 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6233CS6 Datasheet HTML 5Page - Linear Technology LT6233CS6 Datasheet HTML 6Page - Linear Technology LT6233CS6 Datasheet HTML 7Page - Linear Technology LT6233CS6 Datasheet HTML 8Page - Linear Technology LT6233CS6 Datasheet HTML 9Page - Linear Technology LT6233CS6 Datasheet HTML 10Page - Linear Technology LT6233CS6 Datasheet HTML 11Page - Linear Technology LT6233CS6 Datasheet HTML 12Page - Linear Technology LT6233CS6 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
623345f
LT6233/LT6233-10/
LT6234/LT6235
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6233S6, LT6233S6-10
q
700
µV
LT6234S8, LT6235GN
q
550
µV
LT6234DD
q
650
µV
Input Offset Voltage Match
q
550
µV
(Channel-to-Channel) (Note 6)
VOS TC
Input Offset Voltage Drift (Note 10)
q
0.5
3
µV/°C
IB
Input Bias Current
q
4
µA
IB Match (Channel-to-Channel) (Note 6)
q
0.4
µA
IOS
Input Offset Current
q
0.5
µA
AVOL
Large-Signal Gain
VO = ±4.5V,RL = 10k
q
68
V/mV
RL = 1k
q
20
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
q
–3
4
V
CMRR
Common Mode Rejection Ratio
VCM = –3V to 4V
q
90
dB
CMRR Match (Channel-to-Channel) (Note 6)
VCM = –3V to 4V
q
90
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
q
90
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.5V to ±5V
q
95
dB
VOL
Output Voltage Swing LOW (Note 8)
No Load
q
50
mV
ISINK = 5mA
q
195
mV
ISINK = 15mA
q
370
mV
VOH
Output Voltage Swing HIGH (Note 8)
No Load
q
70
mV
ISOURCE = 5mA
q
210
mV
ISOURCE = 15mA
q
445
mV
ISC
Short-Circuit Current
q
±30
mA
IS
Supply Current per Amplifier
q
1.61
mA
Disabled Supply Current per Amplifier
ENABLE = 4.8V
q
1
µA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
q
–110
µA
VL
ENABLE Pin Input Voltage LOW
q
0.3
V
VH
ENABLE Pin Input Voltage HIGH
q
4.8
V
Output Leakage Current
ENABLE = 4.8V, VO = ±1V
q
1
µA
tON
Turn-On Time
ENABLE = 5V to 0V, RL = 1k
q
900
ns
tOFF
Turn-Off Time
ENABLE = 0V to 5V, RL = 1k
q
160
µs
SR
Slew Rate
AV = –1, RL = 1k, VO = –2V to 2V
q
10
V/
µs
LT6233-10, AV = –10, RL = 1k,
q
95
V/
µs
VO = –2V to 2V
FPBW
Full Power Bandwidth (Note 9)
LT6233, VOUT = 3VP-P
q
1.06
MHz
The q denotes the specifications which apply over –40
°C < TA < 85°C
temperature range. VS = ±5V, VCM = VOUT = 0V, ENABLE = 0V, unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com