Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6233CS6 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6233CS6
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6233CS6 Datasheet(HTML) 3 Page - Linear Technology

  LT6233CS6 Datasheet HTML 1Page - Linear Technology LT6233CS6 Datasheet HTML 2Page - Linear Technology LT6233CS6 Datasheet HTML 3Page - Linear Technology LT6233CS6 Datasheet HTML 4Page - Linear Technology LT6233CS6 Datasheet HTML 5Page - Linear Technology LT6233CS6 Datasheet HTML 6Page - Linear Technology LT6233CS6 Datasheet HTML 7Page - Linear Technology LT6233CS6 Datasheet HTML 8Page - Linear Technology LT6233CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
623345f
LT6233/LT6233-10/
LT6234/LT6235
ELECTRICAL CHARACTERISTICS T
A = 25°C, VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply,
ENABLE = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6233S6, LT6233S6-10
100
500
µV
LT6234S8, LT6235GN
50
350
µV
LT6234DD
75
450
µV
Input Offset Voltage Match
80
450
µV
(Channel-to-Channel) (Note 6)
IB
Input Bias Current
1.5
3
µA
IB Match (Channel-to-Channel) (Note 6)
0.04
0.3
µA
IOS
Input Offset Current
0.04
0.3
µA
Input Noise Voltage
0.1Hz to 10Hz
220
nVP-P
en
Input Noise Voltage Density
f = 10kHz, VS = 5V
1.9
3
nV/
√Hz
in
Input Noise Current Density, Balanced Source
f = 10kHz, VS = 5V, RS = 10k
0.43
pA/
√Hz
Unbalanced Source
f = 10kHz, VS = 5V, RS = 10k
0.78
pA/
√Hz
Input Resistance
Common Mode
22
M
Ω
Differential Mode
25
k
Ω
CIN
Input Capacitance
Common Mode
2.5
pF
Differential Mode
4.2
pF
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 10k to VS/2
73
140
V/mV
RL = 1k to VS/2
18
35
V/mV
VS = 3.3V, VO = 0.65V to 2.65V, RL = 10k to VS/2
53
100
V/mV
RL = 1k to VS/2
11
20
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR, VS = 5V, 0V
1.5
4
V
VS = 3.3V, 0V
1.15
2.65
V
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 1.5V to 4V
90
115
dB
VS = 3.3V, VCM = 1.15V to 2.65V
85
110
dB
CMRR Match (Channel-to-Channel) (Note 6)
VS = 5V, VCM = 1.5V to 4V
90
115
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V
90
115
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = 3V to 10V
95
115
dB
Minimum Supply Voltage (Note 7)
3
V
VOL
Output Voltage Swing LOW (Note 8)
No Load
4
40
mV
ISINK = 5mA
75
180
mV
VS = 5V, ISINK = 15mA
165
320
mV
VS = 3.3V, ISINK = 10mA
125
240
mV
VOH
Output Voltage Swing HIGH (Note 8)
No Load
5
50
mV
ISOURCE = 5mA
85
195
mV
VS = 5V, ISOURCE = 15mA
220
410
mV
VS = 3.3V, ISOURCE = 10mA
165
310
mV
ISC
Short-Circuit Current
VS = 5V
±40
±55
mA
VS = 3.3V
±35
±50
mA
IS
Supply Current per Amplifier
1.05
1.15
mA
Disabled Supply Current per Amplifier
ENABLE = V+ – 0.35V
0.2
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com