Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6233CS6 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6233CS6
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6233CS6 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6233CS6 Datasheet HTML 8Page - Linear Technology LT6233CS6 Datasheet HTML 9Page - Linear Technology LT6233CS6 Datasheet HTML 10Page - Linear Technology LT6233CS6 Datasheet HTML 11Page - Linear Technology LT6233CS6 Datasheet HTML 12Page - Linear Technology LT6233CS6 Datasheet HTML 13Page - Linear Technology LT6233CS6 Datasheet HTML 14Page - Linear Technology LT6233CS6 Datasheet HTML 15Page - Linear Technology LT6233CS6 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT6233/LT6233-10/
LT6234/LT6235
12
623345f
TYPICAL PERFOR A CE CHARACTERISTICS
Noise Voltage and Unbalanced
Noise Current vs Frequency
0.1Hz to 10Hz Output Voltage
Noise
Gain Bandwidth and Phase Margin
vs Temperature
Open Loop Gain vs Frequency
Gain Bandwidth and Phase Margin
vs Supply Voltage
Slew Rate vs Temperature
Output Impedance vs Frequency
Common Mode Rejection Ratio vs
Frequency
Channel Separation vs Frequency
FREQUENCY (Hz)
6
5
4
3
2
1
0
10
1k
10k
100k
623345 G16
100
VS = ±2.5V
TA = 25°C
VCM = 0V
NOISE VOLTAGE
NOISE CURRENT
6
5
4
3
2
1
0
TEMPERATURE (
°C)
–55
5
623345 G18
–25
35
90
80
70
60
40
50
70
60
50
40
65
95
125
VS = ±5V
VS = 3V, 0V
VS = ±5V
VS = 3V, 0V
PHASE MARGIN
GAIN BANDWIDTH
CL = 5pF
RL = 1k
VCM = VS/2
FREQUENCY (Hz)
80
70
50
30
0
–10
60
40
10
20
–20
120
100
60
20
–60
80
40
–20
–40
0
–80
100k
10M
100M
1G
623345 G19
1M
CL = 5pF
RL = 1k
VCM = VS/2
PHASE
GAIN
VS = ±5V
VS = 3V, 0V
VS = ±5V
VS = 3V, 0V
TOTAL SUPPLY VOLTAGE (V)
0
6
623345 G20
24
8
70
60
50
30
40
80
70
60
50
40
10
12
14
PHASE MARGIN
GAIN BANDWIDTH
TA = 25°C
CL = 5pF
RL = 1k
TEMPERATURE (
°C)
–55
5
623345 G21
–35 –15
45
20
22
24
26
18
16
14
10
12
85
25
65
105 125
VS = ±5V FALLING
VS = ±2.5V RISING
AV = –1
RF = RG = 1k
VS = ±2.5V FALLING
VS = ±5V RISING
FREQUENCY (Hz)
1
10
100k
10M
100M
623345 G22
0.1
1M
1k
100
VS = 5V, 0V
AV = 10
AV = 1
AV = 2
FREQUENCY (Hz)
20
40
60
80
120
100
10k
100M
100k
1G
10M
623345 G23
0
1M
VS = 5V, 0V
VCM = VS/2
FREQUENCY (Hz)
100k
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1M
10M
100M
623345 G24
AV = 1
TA = 25°C
VS = ±5V
5s/DIV
623345 G17
100nV
–100nV
VS = ±2.5V
(LT6233/LT6234/LT6235)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com