Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6233CS6 Datasheet(PDF) 24 Page - Linear Technology

Part # LT6233CS6
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6233CS6 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT6233CS6 Datasheet HTML 16Page - Linear Technology LT6233CS6 Datasheet HTML 17Page - Linear Technology LT6233CS6 Datasheet HTML 18Page - Linear Technology LT6233CS6 Datasheet HTML 19Page - Linear Technology LT6233CS6 Datasheet HTML 20Page - Linear Technology LT6233CS6 Datasheet HTML 21Page - Linear Technology LT6233CS6 Datasheet HTML 22Page - Linear Technology LT6233CS6 Datasheet HTML 23Page - Linear Technology LT6233CS6 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT6233/LT6233-10/
LT6234/LT6235
24
623345f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1003 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1028
Single, Ultra Low Noise 50MHz Op Amp
0.85nV/
√Hz
LT1677
Single, Low Noise Rail-to-Rail Amplifier
3V Operation, 2.5mA, 4.5nV/
√Hz, 60µV Max VOS
LT1806/LT1807
Single/Dual, Low Noise 325MHz Rail-to-Rail Amplifier
2.5V Operation, 550
µV Max VOS, 3.5nV/√Hz
LT6200/LT6201
Single/Dual, Low Noise 165MHz
0.95nV
√Hz, Rail-to-Rail Input and Output
LT6202/LT6203/LT6204
Single/Dual/Quad, Low Noise, Rail-to-Rail Amplifier
1.9nV/
√Hz, 3mA Max, 100MHz Gain Bandwidth
Photodiode Amplifier Time Domain Response
Low Power Avalanche Photodiode Transimpedance Amplifier
IS = 1.2mA
100ns/DIV
623345 TA02b
+
–
R1
10k
R2
10k
C2
0.1
µF
5V
–5V
ENABLE
LT6233
≈ 200V BIAS
ADVANCED PHOTONIX
012-70-62-541
WWW.ADVANCEDPHOTONIX.COM
OUTPUT OFFSET = 500
µV TYPICAL
BANDWIDTH = 7.8MHz
OUTPUT NOISE = 1mVP–P (20MHz MEASUREMENT BW)
623345 TA02a
C1
2.7pF
TYPICAL APPLICATIO S
The LT6233 is applied as a transimpedance amplifier with
an I-to-V conversion gain of 10k
Ω set by R1. The LT6233
is ideally suited to this application because of its low input
offset voltage and current, and its low noise. This is be-
cause the 10k resistor has an inherent thermal noise of
13nV/
√Hz or 1.3pA/√Hz at room temperature, while the
LT6233 contributes only 2nV and 0.8pA /
√Hz. So, with
respect to both voltage and current noises, the LT6233 is
actually quieter than the gain resistor.
The circuit uses an avalanche photodiode with the cathode
biased to approximately 200V. When light is incident on
the photodiode, it induces a current IPD which flows into
the amplifier circuit. The amplifier output falls negative to
maintain balance at its inputs. The transfer function is
therefore VOUT = –IPD • 10k. C1 ensures stability and good
settling characteristics. Output offset was measured
at better than 500
µV, so low in part because R2 serves to
cancel the DC effects of bias current. Output noise was
measured at below 1mVP–P on a 20MHz measurement
bandwidth, with C2 shunting R2’s thermal noise. As shown
in the scope photo, the rise time is 45ns, indicating a signal
bandwidth of 7.8MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com