Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1748CFW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1748CFW
Description  14-Bit, 80Msps Low Noise ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748CFW Datasheet(HTML) 1 Page - Linear Technology

  LTC1748CFW Datasheet HTML 1Page - Linear Technology LTC1748CFW Datasheet HTML 2Page - Linear Technology LTC1748CFW Datasheet HTML 3Page - Linear Technology LTC1748CFW Datasheet HTML 4Page - Linear Technology LTC1748CFW Datasheet HTML 5Page - Linear Technology LTC1748CFW Datasheet HTML 6Page - Linear Technology LTC1748CFW Datasheet HTML 7Page - Linear Technology LTC1748CFW Datasheet HTML 8Page - Linear Technology LTC1748CFW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1748
1748fa
14-Bit, 80Msps Low Noise ADC
s
Sample Rate: 80Msps
s
76.3dB SNR and 90dB SFDR (3.2V Range)
s
72.6dB SNR and 90dB SFDR (2V Range)
s
No Missing Codes
s
Single 5V Supply
s
Power Dissipation: 1.4W
s
Selectable Input Ranges:
±1V or ±1.6V
s
240MHz Full Power Bandwidth S/H
s
Pin Compatible Family
25Msps: LTC1746 (14-Bit), LTC1745 (12-Bit)
50Msps: LTC1744 (14-Bit), LTC1743 (12-Bit)
65Msps: LTC1742 (14-Bit), LTC1741 (12-Bit)
80Msps: LTC1748 (14-Bit), LTC1747 (12-Bit)
s
48-Pin TSSOP Package
s
Telecommunications
s
Receivers
s
Cellular Base Stations
s
Spectrum Analysis
s
Imaging Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®1748 is an 80Msps, sampling 14-bit A/D con-
verter designed for digitizing high frequency, wide dy-
namic range signals. Pin selectable input ranges of
±1V
and
±1.6V along with a resistor programmable mode
allow the LTC1748’s input range to be optimized for a wide
variety of applications.
The LTC1748 is perfect for demanding communications
applications with AC performance that includes 76.3dB
SNR and 90dB spurious free dynamic range. Ultralow jitter
of 0.15psRMS allows undersampling of IF frequencies with
excellent noise performance. DC specs include
±3LSBINL
and no missing codes.
The digital interface is compatible with 5V, 3V, 2V and
LVDS logic systems. The ENC and ENC inputs may be
driven differentially from PECL, GTL and other low swing
logic families or from single-ended TTL or CMOS. The low
noise, high gain ENC and ENC inputs may also be driven
by a sinusoidal signal without degrading performance. A
separate output power supply can be operated from 0.5V
to 5V, making it easy to connect directly to any low voltage
DSPs or FIFOs.
The TSSOP package with a flow-through pinout simplifies
the board layout.
80Msps, 14-Bit ADC with a 2V Differential Input Range
14-BIT
PIPELINED ADC
14
S/H
AMP
±1V
DIFFERENTIAL
ANALOG INPUT
AIN
+
AIN
–
SENSE
VCM
4.7
µF
DIFF AMP
REFLA
REFHB
GND
1748 BD
ENC
4.7
µF
1
µF1µF
0.1
µF
0.1
µF
REFHA
REFLB
BUFFER
RANGE
SELECT
2.35VREF
CORRECTION
LOGIC AND
SHIFT
REGISTER
OUTPUT
LATCHES
CONTROL LOGIC
OVDD
VDD
OGND
0.5V
TO 5V
5V
0.1
µF
1
µF
1
µF
1
µF
D13
D0
CLKOUT
OF
•
•
•
ENC
DIFFERENTIAL
ENCODE INPUT
OE
MSBINV
0.1
µF
DESCRIPTIO
FEATURES
APPLICATIO S
BLOCK DIAGRA


Similar Part No. - LTC1748CFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1748 LINER-LTC1748 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
14-Bit, 80Msps Low Noise ADC
More results

Similar Description - LTC1748CFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
14-Bit, 80Msps Low Power 3V ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC2239 LINER-LTC2239 Datasheet
559Kb / 24P
10-Bit, 80Msps Low Noise 3V ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC2239 LINER-LTC2239_15 Datasheet
564Kb / 24P
10-Bit, 80Msps Low Noise 3V ADC
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
14-Bit, 80Msps Low Power 3V ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
14-Bit, 80Msps Low Power Quad ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com