Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1748CFW Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1748CFW
Description  14-Bit, 80Msps Low Noise ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748CFW Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1748CFW Datasheet HTML 9Page - Linear Technology LTC1748CFW Datasheet HTML 10Page - Linear Technology LTC1748CFW Datasheet HTML 11Page - Linear Technology LTC1748CFW Datasheet HTML 12Page - Linear Technology LTC1748CFW Datasheet HTML 13Page - Linear Technology LTC1748CFW Datasheet HTML 14Page - Linear Technology LTC1748CFW Datasheet HTML 15Page - Linear Technology LTC1748CFW Datasheet HTML 16Page - Linear Technology LTC1748CFW Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1748
1748fa
Input Drive Impedance
As with all high performance, high speed ADCs the dy-
namic performance of the LTC1748 can be influenced by
the input drive circuitry, particularly the second and third
harmonics. Source impedance and input reactance can
influence SFDR. At the falling edge of encode the sample-
and-hold circuit will connect the 4pF sampling capacitor to
the input pin and start the sampling period. The sampling
period ends when encode rises, holding the sampled input
on the sampling capacitor. Ideally the input circuitry
should be fast enough to fully charge the sampling capaci-
tor during the sampling period 1/(2FENCODE); however,
this is not always possible and the incomplete settling may
degrade the SFDR. The sampling glitch has been designed
to be as linear as possible to minimize the effects of
incomplete settling.
For the best performance, it is recomended to have a
source impedence of 100
Ω or less for each input. The S/H
circuit is optimized for a 50
Ω source impedance. If the
source impedance is less than 50
Ω, a series resistor
should be added to increase this impedance to 50
Ω. The
source impedence should be matched for the differential
inputs. Poor matching will result in higher even order
harmonics, especially the second.
Input Drive Circuits
Figure 3 shows the LTC1748 being driven by an RF
transformer with a center tapped secondary. The second-
ary center tap is DC biased with VCM, setting the ADC input
signal at its optimum DC level. Figure 3 shows a 1:1 turns
ratio transformer. Other turns ratios can be used if the
source impedence seen by the ADC does not exceed
100
Ω for each ADC input. A disadvantage of using a
transformer is the loss of low frequency response. Most
small RF transformers have poor performance at frequen-
cies below 1MHz.
Figure 4 demonstrates the use of operational amplifiers to
convert a single ended input signal into a differential input
signal. The advantage of this method is that it provides low
frequency input response; however, the limited gain band-
width of most op amps will limit the SFDR at high input
frequencies.
The 25
Ω resistors and 12pF capacitors on the analog
inputs serve two purposes: isolating the drive circuitry
from the sample-and-hold charging glitches and limiting
the wideband noise at the converter input. For input
frequencies higher than 100MHz, the capacitors may need
to be decreased to prevent excessive signal loss.
Reference Operation
Figure 5 shows the LTC1748 reference circuitry consisting
of a 2.35V bandgap reference, a difference amplifier and
switching and control circuit. The internal voltage refer-
ence can be configured for two pin selectable input ranges
of 2V(
±1V differential) or 3.2V(±1.6V differential). Tying
the SENSE pin to ground selects the 2V range; tying the
SENSE pin to VDD selects the 3.2V range.
The 2.35V bandgap reference serves two functions: its
output provides a DC bias point for setting the common
APPLICATIO S I FOR ATIO
1:1
25
Ω
0.1
µF
ANALOG
INPUT
VCM
AIN
+
AIN
–
100
Ω
100
Ω
12pF
12pF
12pF
1748 F03
4.7
µF
25
Ω
25
Ω
25
Ω
LTC1748
25
Ω
5V
SINGLE-ENDED
INPUT
2.35V
±1/2
RANGE
VCM
AIN
+
AIN
–
12pF
12pF
12pF
1748 F04
4.7
µF
25
Ω
100
Ω
500
Ω
500
Ω
25
Ω
25
Ω
LTC1748
–
+
1/2 LT1810
–
+
1/2 LT1810
Figure 4. Differential Drive with Op Amps
Figure 3. Single-Ended to Differential Conversion
Using a Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com