Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1748CFW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1748CFW
Description  14-Bit, 80Msps Low Noise ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748CFW Datasheet(HTML) 3 Page - Linear Technology

  LTC1748CFW Datasheet HTML 1Page - Linear Technology LTC1748CFW Datasheet HTML 2Page - Linear Technology LTC1748CFW Datasheet HTML 3Page - Linear Technology LTC1748CFW Datasheet HTML 4Page - Linear Technology LTC1748CFW Datasheet HTML 5Page - Linear Technology LTC1748CFW Datasheet HTML 6Page - Linear Technology LTC1748CFW Datasheet HTML 7Page - Linear Technology LTC1748CFW Datasheet HTML 8Page - Linear Technology LTC1748CFW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1748
1748fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
2.30
2.35
2.40
V
VCM Output Tempco
IOUT = 0
±30
ppm/
°C
VCM Line Regulation
4.75V
≤ VDD ≤ 5.25V
3
mV/V
VCM Output Resistance
1mA
≤ IOUT ≤ 1mA
4
Ω
(Note 5)
I TER AL REFERE CE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input Signal (2V Range)
72.6
dB
5MHz Input Signal (3.2V Range)
75
76.3
dB
30MHz Input Signal (2V Range)
72.5
dB
30MHz Input Signal (3.2V Range)
74
76.1
dB
70MHz Input Signal (2V Range)
72.2
dB
70MHz Input Signal (3.2V Range)
75.4
dB
140MHz Input Signal (2V Range)
71.4
dB
250MHz Input Signal (2V Range)
68.9
dB
SFDR
Spurious Free Dynamic Range
5MHz Input Signal (2V Range)
90
dB
5MHz Input Signal (3.2V Range) (2nd and 3rd)
90
dB
5MHz Input Signal (3.2V Range) (Other)
94
dB
30MHz Input Signal (2V Range)
90
dB
30MHz Input Signal (3.2V Range) (2nd and 3rd)
80
88
dB
30MHz Input Signal (3.2V Range) (Other)
85
94
dB
70MHz Input Signal (2V Range)
85
dB
70MHz Input Signal (3.2V Range) (2nd and 3rd)
76
dB
70MHz Input Signal (3.2V Range) (Other)
94
dB
140MHz Input Signal (2VRange) (2nd and 3rd)
77
dB
140MHz Input Signal (2V Range) (Other)
93
dB
250MHz Input Signal (2V Range) (2nd and 3rd)
64
dB
250MHz Input Signal (2V Range) (Other)
89
dB
S/(N + D)
Signal-to-(Noise + Distortion) Ratio
5MHz Input Signal (2V Range)
72.4
dB
5MHz Input Signal (3.2V Range)
74.5
76.0
dB
30MHz Input Signal (2V Range)
72.3
dB
30MHz Input Signal (3.2V Range)
75.6
dB
70MHz Input Signal (2V Range)
71
dB
70MHz Input Signal (3.2V Range)
71
dB
THD
Total Harmonic Distortion
5MHz Input Signal, First 5 Harmonics (2V Range)
–90
dB
5MHz Input Signal, First 5 Harmonics (3.2V Range)
–90
dB
30MHz Input Signal, First 5 Harmonics (2V Range)
–90
dB
30MHz Input Signal, First 5 Harmonics (3.2V Range)
–85
dB
70MHz Input Signal, First 5 Harmonics (2V Range)
–78
dB
70MHz Input Signal, First 5 Harmonics (3.2V Range)
–74
dB
IMD
Intermodulation Distortion
fIN1 = 2.52MHz, fIN2 = 5.2MHz (2V Range)
97
dBc
fIN1 = 2.52MHz, fIN2 = 5.2MHz (3.2V Range)
93
dBc
Sample-and-Hold Bandwidth
RSOURCE = 50Ω
240
MHz
TA = 25°C, AIN = –1dBFS (Note 5)
DY A IC ACCURACY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com