Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1748CFW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1748CFW
Description  14-Bit, 80Msps Low Noise ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748CFW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1748CFW Datasheet HTML 2Page - Linear Technology LTC1748CFW Datasheet HTML 3Page - Linear Technology LTC1748CFW Datasheet HTML 4Page - Linear Technology LTC1748CFW Datasheet HTML 5Page - Linear Technology LTC1748CFW Datasheet HTML 6Page - Linear Technology LTC1748CFW Datasheet HTML 7Page - Linear Technology LTC1748CFW Datasheet HTML 8Page - Linear Technology LTC1748CFW Datasheet HTML 9Page - Linear Technology LTC1748CFW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1748
1748fa
TYPICAL PERFOR A CE CHARACTERISTICS
8192 Point FFT,
Input Frequency = 40.64MHz,
–1dB, 3.2V Range
8192 Point FFT,
Input Frequency = 40.64MHz,
–10dB, 3.2V Range
8192 Point FFT,
Input Frequency = 40.64MHz,
–20dB, 3.2V Range
8192 Point FFT,
Input Frequency = 50.64MHz,
–1dB, 3.2V Range
8192 Point FFT,
Input Frequency = 30.068MHz,
–20dB, 3.2V Range
8192 Point FFT,
Input Frequency = 30.068MHz,
–10dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G07
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G08
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G09
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G10
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G11
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G12
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
8192 Point FFT,
Input Frequency = 50.64MHz,
–10dB, 3.2V Range
8192 Point FFT,
Input Frequency = 50.64MHz,
–20dB, 3.2V Range
8192 Point FFT,
Input Frequency = 69.1MHz,
–1dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G13
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G14
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G15
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com