Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW024B Datasheet(PDF) 14 Page - STMicroelectronics

Part # M69AW024B
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M69AW024B Datasheet HTML 10Page - STMicroelectronics M69AW024B Datasheet HTML 11Page - STMicroelectronics M69AW024B Datasheet HTML 12Page - STMicroelectronics M69AW024B Datasheet HTML 13Page - STMicroelectronics M69AW024B Datasheet HTML 14Page - STMicroelectronics M69AW024B Datasheet HTML 15Page - STMicroelectronics M69AW024B Datasheet HTML 16Page - STMicroelectronics M69AW024B Datasheet HTML 17Page - STMicroelectronics M69AW024B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
M69AW024B
14/29
Note: 1. CL = 50pF with 1 TTL and R1=50Ω.
2. CL = 5pF
3. tELQV is applicable if G is brought to Low before E1 goes Low and if actual value of either tAVGL1 or tELGL, or both, is shorter than
the specified value.
4. Only applicable to A0, A1 and A2 when both and G and E1 are kept Low for Address access.
5. Applicable if G is brought to Low before E1 goes Low.
6. tAVGL1, tELGL(Min) and tGHGL1(Min) are reference values when the access time is determined by tGLQV. If the actual value of each
parameter is lower than the specified minimum values, tGLQV is increased by the difference between the actual value and the spec-
ified minimum value.
7. tAVGL2 and tGHGL2 correspond to absolute minimum values during G controlled access.
8. tAXAV is applicable when two or more addresses from A0 to A2 are switched from the previous state.
9. If the actual value of tELGL or tGHGL1 is lower than the specified minimum value, tGLAX and tGLEH will be equal to tAVAX(Min) −
tELGL (Actual) and tAVAX (Min) −tGHGL1 (Actual), respectively.
10. The maximum value is applicable if E1 is kept Low.
tGLQV
(1)
tOE
Output Enable Access Time
35
40
ns
tGLQX
(2)
tOLZ
Output Enable Low to Output Lo-Z
0
0
ns
Symbol
Alt.
Parameter
M69AW024B
Unit
–60
–70
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com