Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW024B Datasheet(PDF) 1 Page - STMicroelectronics

Part # M69AW024B
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024B Datasheet(HTML) 1 Page - STMicroelectronics

  M69AW024B Datasheet HTML 1Page - STMicroelectronics M69AW024B Datasheet HTML 2Page - STMicroelectronics M69AW024B Datasheet HTML 3Page - STMicroelectronics M69AW024B Datasheet HTML 4Page - STMicroelectronics M69AW024B Datasheet HTML 5Page - STMicroelectronics M69AW024B Datasheet HTML 6Page - STMicroelectronics M69AW024B Datasheet HTML 7Page - STMicroelectronics M69AW024B Datasheet HTML 8Page - STMicroelectronics M69AW024B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
September 2004
M69AW024B
16 Mbit (1M x16) 3V Asynchronous PSRAM
FEATURES SUMMARY
SUPPLY VOLTAGE: 2.7 to 3.3V
ACCESS TIME: 60ns, 70ns
LOW STANDBY CURRENT: 70µA
DEEP POWER DOWN CURRENT: 10µA
LOW VCC DATA RETENTION: 2.3V
COMPATIBLE WITH STANDARD LPSRAM
Figure 1. Package
BGA
TFBGA48 (ZB)
6x8 mm


Similar Part No. - M69AW024B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
16 Mbit (1M x16) 3V Asynchronous PSRAM
05-Apr-2005
M69AW024BE60ZB8F STMICROELECTRONICS-M69AW024BE60ZB8F Datasheet
324Kb / 25P
16 Mbit (1M x16) 3V Asynchronous PSRAM
05-Apr-2005
More results

Similar Description - M69AW024B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W016 STMICROELECTRONICS-M27W016 Datasheet
438Kb / 26P
16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
05-Mar-2003
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
16 Mbit 1M x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
1 Mbit 64K x16 3.0V Asynchronous SRAM
23-Apr-2003
logo
ATMEL Corporation
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
64 MBIT FLASH 16 MBIT PSRAM
logo
STMicroelectronics
M69AW048B STMICROELECTRONICS-M69AW048B Datasheet
433Kb / 29P
32 Mbit (2M x16) 3V Asynchronous PSRAM
15-Nov-2004
M69AR048B STMICROELECTRONICS-M69AR048B Datasheet
481Kb / 29P
32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
05-Oct-2005
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
2004-Dec-02
M36D0R6040T0 STMICROELECTRONICS-M36D0R6040T0 Datasheet
329Kb / 18P
64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
07-Dec-2003
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
16 Mbit (1M x16) 3V Asynchronous PSRAM
05-Apr-2005
M69KB128AA STMICROELECTRONICS-M69KB128AA Datasheet
489Kb / 68P
128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
20-Jan-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com