Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW024B Datasheet(PDF) 23 Page - STMicroelectronics

Part # M69AW024B
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M69AW024B Datasheet HTML 19Page - STMicroelectronics M69AW024B Datasheet HTML 20Page - STMicroelectronics M69AW024B Datasheet HTML 21Page - STMicroelectronics M69AW024B Datasheet HTML 22Page - STMicroelectronics M69AW024B Datasheet HTML 23Page - STMicroelectronics M69AW024B Datasheet HTML 24Page - STMicroelectronics M69AW024B Datasheet HTML 25Page - STMicroelectronics M69AW024B Datasheet HTML 26Page - STMicroelectronics M69AW024B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23/29
M69AW024B
Table 9. Power Down and Power-Up AC Parameters
Note: 1. Some data may be written to any address location if tEHWH is less than the minimum required time.
2. The device has to enter and exit Power Down mode after tCHCL.
3. The Input Transition Time used in AC measurements is 5ns.
Figure 18. Standby Mode Entry AC Waveforms, After Read or Write
Note: Both tEHGH and tEHWH define the earliest entry timing for Stand-by mode. If either of timing is not satisfied, it takes the tAVAX(min) period
from either the last address transition of A0, A1 and A2, or E1 rising edge.
Symbol
Alt.
Parameter
M69AW024B
Unit
–60
–70
Min
Max
Min
Max
tCLEL
tCSP
E2 Low Setup Time for Power Down Entry
10
10
ns
tELCH
tC2LP
E2 Low Hold Time after Power Down Entry
80
90
ns
tCHEL
tCHH
E1 High Hold Time following E2 High after Power-
Down Exit (Sleep Mode only)
350
350
µs
tEHEL
tCHHP
E1 High Hold Time following E2 High after Power-
Down Exit (not in Sleep Mode)
400
400
µs
tEHCH1
tCHS
E1 High Setup Time following E2 High after Power-
Down Exit
10
10
ns
tEHCH2
tC2LH
Power-up Time 1
50
50
µs
tCHCL1
2
tCHCL2
2
tC2HL
Power-up Time 2
50
50
µs
tEHGH
tCHOX
E1 High to G Invalid Time for Standby Entry
10
10
ns
tEHWH
tCHWX
E1 High to W Invalid Time for Standby Entry
10
10
ns
tT
tT
Input Transition Time
1
25
1
25
ns
AI07741
E1
G
W
tEHGH
tEHWH
Active (Write)
Standby
Active (Read)
Standby
E1
G
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com