Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW024B Datasheet(PDF) 27 Page - STMicroelectronics

Part # M69AW024B
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M69AW024B Datasheet HTML 21Page - STMicroelectronics M69AW024B Datasheet HTML 22Page - STMicroelectronics M69AW024B Datasheet HTML 23Page - STMicroelectronics M69AW024B Datasheet HTML 24Page - STMicroelectronics M69AW024B Datasheet HTML 25Page - STMicroelectronics M69AW024B Datasheet HTML 26Page - STMicroelectronics M69AW024B Datasheet HTML 27Page - STMicroelectronics M69AW024B Datasheet HTML 28Page - STMicroelectronics M69AW024B Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27/29
M69AW024B
PART NUMBERING
Table 12. Ordering Information Scheme
The notation used for the device number is as shown in Table 12. For a list of available options (speed,
package, etc.) or for further information on any aspect of this device, please contact your nearest STMi-
croelectronics Sales Office.
Example:
M69AW024
B
L
70 ZB
8
T
Device Type
M69 = 1T/1C Memory Cell Architecture
Mode
A = Asynchronous
Operating Voltage
W = 2.7 to 3.3V
Array Organization
024 = 16 Mbit (1M x16)
Option 1
B = 2 Chip Enable; No Write and Standby from UB and LB
Option 2
L = Low Leakage
Speed Class
60 = 60ns
70 = 70ns
Package
ZB = TFBGA48 6x8mm - 6x8 ball array, 0.75mm pitch
Temperature Range
8 = –30 to 85°C
Shipping Method
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com