Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8436ACPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8436ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
AD8436
Rev. E | Page 9 of 21
TEST CIRCUITS
CALIBRATOR
(50Hz<f<500kHz)
FUNCTION GENERATOR
(f>500kHz)
OUT
RMS
+5V
10µF
PRECISION DMM
PRECISION DMM
22µF
VEE
CAV
VCC
100kΩ
100kΩ
16kΩ
OGND
–5V
IGND
RMS CORE
10µF
ATTENUATOR
eIN = 100µV, 300µV
Figure 21. Core Response Test Circuit Using Dual Supplies
PRECISION DMM
SIGNAL SOURCE
OUT
RMS
4.80V
10µF
AC-IN MONITOR
PRECISION DMM
4.7µF
4.7µF
VEE
CAV
VCC
100kΩ
100kΩ
16kΩ
OGND
IGND
RMS CORE
Figure 22. Core Response Test Circuit Using a Single Supply
FUNCTION GENERATOR
PRECISION DMM
OUT
RMS
+5V
10µF
AC-IN MONITOR
PRECISION DMM
4.7µF
VEE
CAV
VCC
100kΩ
100kΩ
16kΩ
OGND
–5V
IGND
RMS CORE
Figure 23. Crest Factor Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com