Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8436ACPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8436ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
AD8436
Rev. E | Page 15 of 21
16kΩ
16kΩ
16kΩ
16kΩ
OGND
OBUFOUT
OBUFIN+
OBUFIN–
+
CORE
C
8
14
13
12
9
OUT
2C
Figure 36. Output Buffer Amplifier Configured as a Two-Pole, Sallen-Key
Low-Pass Filter
Configure the output buffer (see Figure 37) to invert dc output.
OUT
16kΩ
16kΩ
OGND
OBUFOUT
OBUFIN+
OBUFIN–
CORE
32.4kΩ
8
14
12
13
9
+
Figure 37. Inverting Output Configuration
Current Output Option
If a current output is required, connect the current output,
OUT, to the destination load. To maximize precision, provide a
means for external calibration to replace the internal trimmed
resistor, which is bypassed. This configuration is useful for
convenient summing of the AD8436 result with another
voltage, or for polarity inversion.
+
8kΩ
15kΩ
16kΩ
19
CAVG
18
CCF
9
OUT
2
RMS
8
OGND
DIRECTION OF
DC OUTPUT
CURRENT
2kΩ
(OPTIONAL)
INVERTED DC
VOLTAGE
OUTPUT
32.4kΩ
DO NOT CONNECT FOR
CURRENT OUTPUT
CORE
Figure 38. Connections for Current Output Showing Voltage Inversion
Single-Supply
Connections for single-supply operation are shown in Figure 39
and are similar to those for dual power supply when the device
is ac-coupled. The analog core and buffer inputs are biased at
half the supply voltage, but the output of the OBUFOUT pin
(Pin 14) remains referred to ground because the output of the
AD8436 is a current source. An additional bypass capacitor can
be helpful at Pin 11 (IGND) to suppress potential common-mode
noise. The capacitor value is most likely determined empirically,
but ranges between 0.1 μF and 4.7 μF. The source resistance for the
capacitor is 50 kΩ, the equivalent parallel resistance of the two
internal 100 kΩ resistors (see Figure 1).
IGND
OPTIONAL
AMBIENT
NOISE
FILTER
CAPACITOR
RMS
10µF
0.47µF
VEE
CAV
VCC
OGND
2
11
10
19
8
9
17
10MΩ
4
5
3
IBUFOUT
IBUFIN+
IBUFIN–
OUT
AD8436
4.7µF
Figure 39. Connections for Single-Supply Operation
Recommended Application
Figure 40 shows a circuit for a typical application for frequencies
as low as power line, and above. The recommended averaging,
crest factor and LPF capacitor values are 10 μF, 0.1 μF and 3.3 μF.
Refer to the Using the Output Buffer section if additional low-
pass filtering is required.
AC IN
VCC
VEE
DC
OUT
10MΩ
VEE
CAVG
VCC
OBUFOUT
IGND
OBUFIN+
OBUFIN–
OBUFV+
OUT
DNC
IBUFIN–
IBUFOUT
IBUFIN+
SUM
IBUFV+
1
4
3
2
5
8
7
69
12
11
10
16
15
14
13
10µF
0.47µF
OGND
IBUFGN
CCF
10µF
+
19
18
17
20
DNC
RMS
3.3µF
0.1µF
AD8436
Figure 40. Typical Application Circuit
Converting to Average Rectified Value
To configure the AD8436 for rectified average instead of rms
conversion, simply reduce the value of CAVG to 470 pF (see
Figure 41). To enable both modes of operation, insert a switch
between capacitor CAVG and Pin CAVG.
ADDITIONAL INFORMATION
The following reference materials provide additional rms-to-dc
converter information relative to the AD8436:
RMS to DC Conversion Application Guide
AN-268 Application Note, RMS-to-DC Converters Ease
Measurement Tasks
AN-1341 Application Note, Using the AD8436 True RMS to
DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com