Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8436ACPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8436ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AD8436
Data Sheet
Rev. E | Page 16 of 21
AC IN
VCC
VEE
DC
OUT
10MΩ
VEE
CAVG
VCC
OBUFOUT
IGND
OBUFIN+
OBUFIN–
OBUFV+
OUT
DNC
IBUFIN–
IBUFOUT
IBUFIN+
SUM
IBUFV+
1
4
3
2
5
8
7
69
12
11
10
16
15
14
13
10µF
0.47µF
OGND
IBUFGN
CCF
470pF
CAVG
10µF
+
19
18
17
20
DNC
RMS
CLPF
3.3µF
0.1µF
AD8436
CAPACITOR CLPF, IN CONJUNCTION WITH
THE INTERNAL 16kΩ OUTPUT RESISTOR
FILTERS THE RECTIFIED OUTPUT, YIELDING
THE AVERAGE-RECTIFIED VALUE.
CAPACITOR CAVG COMPUTES THE
MEAN IN THE IMPLICIT RMS
EXPRESSION. FOR SMALL VALUES
OF CAVG, THE AC INPUT WAVEFORM
WILL STILL BE FULLY RECTIFIED AND
APPEAR AT THE OUTPUT.
DISCONNECTING CAVG DEFAULTS THE
COMPUTED RESULT TO AVERAGE-VALUE.
A MINIMUM OF 470pF CAPACITANCE IS
REQUIRED TO MAINTAIN STABILITY
Figure 41. Configuration for Average Rectified Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com