Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8436ACPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8436ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8436ACPZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
AD8436
Rev. E | Page 17 of 21
AD8436 EVALUATION BOARD
The AD8436-EVALZ provides a platform to evaluate AD8436
performance. The board is fully assembled, tested, and ready to
use after connecting the power and signal sources. Figure 47
is a photograph of the board and Figure 48 is the schematic.
Signal connections are located on the primary and secondary
sides, with power and ground on the inner layers. Figure 42 to
Figure 46 illustrate the various design details of the board,
including basic layout and copper patterns. These figures are
useful references for application designs.
A Word About Using the AD8436 Evaluation Board
The AD8436-EVALZ offers many options, without sacrificing
simplicity. The board is tested and shipped with a 10 μF averaging
capacitor (CAVG), a 3.3 μF low-pass filter capacitor (CLPF), and a
0.1 μF capacitor to optimize crest factor (CCF) performance. To
evaluate minimum cost applications, remove both capacitors. The
functions of the five switches are listed in Table 6.
Table 6.
Switch
Function
CORE_BUFFER
Selects core or input buffer for the input
signal
INCOUP
Selects ac or dc coupling to the core
SDCOUT
Selects the output buffer or the core
output at the DCOUT BNC
IBUF_VCC
Enables or disables the input buffer
OBUF_VCC
Enables or disables the output buffer
Ample test points provide easy monitoring of inputs and
outputs using standard test equipment. Unity is the input buffer
default gain; for 2× gain, simply install a 0 Ω 0603 resistor (jumper)
at Position R5. For higher IBUF gains, remove the 0 Ω resistor
at Position RFBH (there is an internal 10 kΩ resistor from the
OBUF_OUT to IBUFIN−) and install a smaller value resistor in
Position RFBL. A 100 Ω resistor establishes a gain of 100×.
Single-Supply Operation
Referring to Figure 48, single-supply operation requires the
removal of Resistor R6. If needed, an optional capacitor in the
range 0.1 μF to 4.7 μF may be installed in the R6 position for
ambient noise decoupling (this is rarely required, however).
Connect the negative supply pin (VEE) to ground (GND);
otherwise, the negative supply rails remain open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com