Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX7 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AX7
Description  CLEARCLOCK POWER OPTIMIZED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AX7 Datasheet(HTML) 3 Page - Abracon Corporation

  AX7 Datasheet HTML 1Page - Abracon Corporation AX7 Datasheet HTML 2Page - Abracon Corporation AX7 Datasheet HTML 3Page - Abracon Corporation AX7 Datasheet HTML 4Page - Abracon Corporation AX7 Datasheet HTML 5Page - Abracon Corporation AX7 Datasheet HTML 6Page - Abracon Corporation AX7 Datasheet HTML 7Page - Abracon Corporation AX7 Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale, please visit:
www.abracon.com
REVISED: 10.31.2017
CLEARCLOCK™ | POWER OPTIMIZED 0.12ps 5x7mm XO
AX7
MSL = 1
Pb RoHS/RoHS II Compliant
7.0 x 5.0 x 1.8 mm
ESD SENSITIVE
Frequency (MHz) 148.35
150
155.52
156.25
156.25
200
212.5
312.5
RF Output LVDS LVPECL LVPECL LVPECL HCSL LVPECL LVDS
LVDS
RMS Phase Jitter (fsec)
12kHz-20MHz BW
125
137
124
123
129
122
127
114
Phase Noise (dBc/Hz)
100Hz
-96
-98
-98
-98
-99
-90
-83
-94
1kHz
-120
-120
-120
-121
-121
-114
-114
-115
10kHz
-132
-132
-132
-132
-132
-129
-129
-126
100kHz
-140
-139
-141
-141
-140
-138
-137
-134
1MHz
-149
-150
-151
-150
-151
-148
-147
-144
10MHz
-157
-159
-159
-159
-160
-159
-157
-156
20MHz
-157
-159
-159
-159
-160
-159
-157
-157
TYPICAL PHASE NOISE AND JITTER CHARACTERISTICS (@25°C ± 3°C) [Note 2]
Frequency (MHz)
322.265625
491.52 644.53125 1000
1244.16
1500
2100
RF Output LVPECL HCSL LVPECL LVPECL LVDS
LVDS
LVDS
LVPECL
RMS Phase Jitter (fsec)
12kHz-20MHz BW
121
121
123
127
114
127
112
138
Phase Noise (dBc/Hz)
100Hz
-91
-92
-91
-77
-76
-78
-79
-77
1kHz
-113
-114
-111
-107
-102
-102
-101
-98
10kHz
-125
-125
-122
-119
-115
-113
-112
-108
100kHz
-133
-133
-131
-127
-124
-122
-120
-117
1MHz
-144
-144
-138
-138
-134
-131
-130
-124
10MHz
-157
-157
-154
-154
-150
-149
-145
-145
20MHz
-159
-159
-154
-155
-152
-150
-145
-148
Note 2: Refer to following Section for selected Phase Noise Plots
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 10.31.2017
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 10.31.2017
ABRACON IS
ISO9001-2015
CERTIFIED
REVISED: 06.06.2018
COMMON KEY ELECTRICAL SPECIFICATIONS
PARAMETERS
MIN.
TYP.
MAX.
UNIT
NOTES
Output Enable Time
2.5
ms
Output Disable Time
10
µs
Output Disable Current Consumption
LVPECL
85
86
mA
@ V
dd=3.3V
LVDS
63
65
HCSL
77
78
CML
62
67
@ V
dd=1.8V
RMS Phase Jitter (12kHz -20MHz BW)
201.000MHz – 2100.000MHz
125
150
fsec
@ V
dd=3.3V
50.000MHz – 200.000MHz
156.2500MHz
200
300
Note 1: Supply Voltage (Vdd) = 1.8V option not available with LVPECL output
Note 2: Relative to initial measured frequency @ 25°C ±3°C
≤130
200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com