Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX7 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AX7
Description  CLEARCLOCK POWER OPTIMIZED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AX7 Datasheet(HTML) 2 Page - Abracon Corporation

  AX7 Datasheet HTML 1Page - Abracon Corporation AX7 Datasheet HTML 2Page - Abracon Corporation AX7 Datasheet HTML 3Page - Abracon Corporation AX7 Datasheet HTML 4Page - Abracon Corporation AX7 Datasheet HTML 5Page - Abracon Corporation AX7 Datasheet HTML 6Page - Abracon Corporation AX7 Datasheet HTML 7Page - Abracon Corporation AX7 Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale, please visit:
www.abracon.com
REVISED: 10.31.2017
CLEARCLOCK™ | POWER OPTIMIZED 0.12ps 5x7mm XO
AX7
MSL = 1
Pb RoHS/RoHS II Compliant
7.0 x 5.0 x 1.8 mm
ESD SENSITIVE
Parameters
Min.
Typ.
Max.
Unit
Notes
Frequency Range
LVPECL
50
2100
MHz
Option “P”
LVDS
50
2100
Option “D”
HCSL
50
700
Option “H”
CML
50
2100
Option “M”
Power Supply Voltage (V
DD)
[Note 1]
2.97
3.3
3.63
V
Option “A”
2.25
2.5
2.75
Option “B”
1.71
1.8
1.89
Option “C”
Current Consumption (I
DD)
LVPECL
87
94
mA
@ V
DD=3.3V
LVDS
64
70
HCSL
75
80
CML
63
68
@ V
DD=1.8V
Set Tolerance (as received) @ 25°C ±3°C
-5.00
<±3.00
+5.00
ppm
Relative to carrier
Operating Temperature Range (OTR)
-40
+85
°C
See Options
Storage Temperature
-55
+155
°C
Frequency Stability over OTR
-25
+25
ppm
Option “D or F”
-50
+50
Option “E or G”
Aging over 10-Year Product Life [Note 2]
-15
+15
ppm
All Inclusive Frequency Accuracy over 10-Year Product Life [Note 2]
-50
+50
ppm
“D” or “F” (±25ppm)
-100
+100
“E” or “G” (±50ppm)
Rise (Tr) / Fall Time (Tf)
LVPECL/LVDS/CML
0.35
nS
HCSL
0.40
Duty Cycle
45
55
%
@ 50% V
DD
Start-up Time [Note 2]
< 5.0
10
ms
Output High Voltage (V
OH)
Output Low Voltage (V
OL)
LVPECL
V
OH
V
DD-1.165
V
DD-0.8
V
DD–2.0V or thevenin
equivalent
V
OL
V
DD-2.0
V
DD-1.55
LVDS
V
OH
1.4
1.6
V
OL
0.9
1.1
HCSL
V
OH
0.66
1.15
DD
V
OL
0.0
0.15
CML
V
OH
V
DD-0.085
V
DD=Max
V
OL
V
DD-0.6
V
DD-0.32
Output Enable (OE) Control
0.8*(V
DD)
V
0.2*(V
DD)
COMMON KEY ELECTRICAL SPECIFICATIONS
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 10.31.2017
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 10.31.2017
ABRACON IS
ISO9001-2015
CERTIFIED
REVISED: 06.06.2018



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com