Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX7 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AX7
Description  CLEARCLOCK POWER OPTIMIZED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AX7 Datasheet(HTML) 1 Page - Abracon Corporation

  AX7 Datasheet HTML 1Page - Abracon Corporation AX7 Datasheet HTML 2Page - Abracon Corporation AX7 Datasheet HTML 3Page - Abracon Corporation AX7 Datasheet HTML 4Page - Abracon Corporation AX7 Datasheet HTML 5Page - Abracon Corporation AX7 Datasheet HTML 6Page - Abracon Corporation AX7 Datasheet HTML 7Page - Abracon Corporation AX7 Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale, please visit:
www.abracon.com
REVISED: 10.31.2017
CLEARCLOCK™ | POWER OPTIMIZED 0.12ps 5x7mm XO
AX7
MSL = 1
Pb RoHS/RoHS II Compliant
7.0 x 5.0 x 1.8 mm
ESD SENSITIVE
FEATURES
APPLICATIONS
• Networking and communications
• RF systems, base stations (BTS)
• Test and measurement
• Cloud, server and storage, Fibre Channel
• 100/400GbEthernet
• PCI Express
• 0.125ps typ jitter (150fs MAX f > 200MHz, 25°C)
• Highest in-class frequency range from 50 to 2100MHz
• Excellent spurious suppresion
• 70mA MAX I
DD (LVDS, any VDD)
• Lowest in-class power consumption
• Supports LVPECL, HCSL, LVDS, CML
• Supports ±50ppm or ±100ppm all inclusive stability
• -40°C to 85°C or -20°C to 70°C operation
• Industry standard 5x7mm footprint
OPTIONS AND PART IDENTIFICATION [Note 1]
AX7
-
(1): Output Type
P: LVPECL
D: LVDS
H: HCSL (*)
M: CML
(6): Packaging
Blank: Bulk
C: Cut Tape 50 units
T: Tape & Reel 250 units
(2): V
DD
A: 3.3V
B: 2.5V
C: 1.8V (*)
(3): Stability over OTR
D: ±25ppm over -20°C to +70°C
E: ±50ppm over -20°C to +70°C
F: ±25ppm over -40°C to +85°C
G: ±50ppm over -40°C to +85°C
(4): OE Function
1: OE Pin 1; Active High
2: OE Pin 1; Active Low
3: OE Pin 2; Active High
4: OE Pin 2; Active Low
(5): Output
Frequency in MHz
Please specify the
Frequency in units of MHz
out to 4 digit accuracy after
the decimal.
Example:
“156.2500” = 156.2500MHz
(*) Excluding LVPECL output
(*) Frequency range limited
to: 50~700MHz
Note 1: Contact Abracon for part number requests with carrier frequency callouts up to 5 & 6 digit accuracy after the decimal.
Part Number Example:
AX7PAF1-644.53125C
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 10.31.2017
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 10.31.2017
ABRACON IS
ISO9001-2015
CERTIFIED
REVISED: 06.06.2018


Similar Part No. - AX7

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX7002P AXIOMTEK-AX7002P Datasheet
172Kb / 1P
Liquid coated polycarbonate graphics
AX7020K AXIOMTEK-AX7020K Datasheet
172Kb / 1P
Liquid coated polycarbonate graphics
AX7020K AXIOMTEK-AX7020K Datasheet
154Kb / 1P
Dust-protected and waterproof surface
AX7020K AXIOMTEK-AX7020K_14 Datasheet
154Kb / 1P
Dust-protected and waterproof surface
AX7042 AXIOMTEK-AX7042 Datasheet
164Kb / 1P
Integrated keyboard
More results

Similar Description - AX7

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2003 IRF-IP2003 Datasheet
291Kb / 9P
MULTIPHASE OPTIMIZED LGA POWER BLOCK
logo
Harris Corporation
HMF06020 HARRIS-HMF06020 Datasheet
90Kb / 3P
Power Optimized GaAs FET 2-14 GHz
logo
Samsung semiconductor
SMF06020 SAMSUNG-SMF06020 Datasheet
76Kb / 3P
Power Optimized GaAs FET
SMF-06020 SAMSUNG-SMF-06020 Datasheet
74Kb / 3P
Power Optimized GaAs FET
logo
International Rectifier
IP2001 IRF-IP2001 Datasheet
806Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2001PBF IRF-IP2001PBF Datasheet
473Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP1206PBF IRF-IP1206PBF Datasheet
936Kb / 30P
Synchronous Buck Multiphase Optimized LGA Power Block
IP2005CTRPBF IRF-IP2005CTRPBF Datasheet
402Kb / 15P
Synchronous Buck Optimized LGA Power Block
logo
List of Unclassifed Man...
S7067 ETC2-S7067 Datasheet
937Kb / 2P
DUAL-SOCKET RACK-OPTIMIZED RACK-OPTIMIZED
logo
Vishay Siliconix
AN805 VISHAY-AN805 Datasheet
113Kb / 7P
PWM Optimized Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com