Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX7 Datasheet(PDF) 4 Page - Abracon Corporation

Part # AX7
Description  CLEARCLOCK POWER OPTIMIZED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AX7 Datasheet(HTML) 4 Page - Abracon Corporation

  AX7 Datasheet HTML 1Page - Abracon Corporation AX7 Datasheet HTML 2Page - Abracon Corporation AX7 Datasheet HTML 3Page - Abracon Corporation AX7 Datasheet HTML 4Page - Abracon Corporation AX7 Datasheet HTML 5Page - Abracon Corporation AX7 Datasheet HTML 6Page - Abracon Corporation AX7 Datasheet HTML 7Page - Abracon Corporation AX7 Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale, please visit:
www.abracon.com
REVISED: 10.31.2017
CLEARCLOCK™ | POWER OPTIMIZED 0.12ps 5x7mm XO
AX7
MSL = 1
Pb RoHS/RoHS II Compliant
7.0 x 5.0 x 1.8 mm
ESD SENSITIVE
SELECTED PHASE NOISE PLOTS (@25°C ± 3°C)
156.25MHz | LVPECL | V
DD=3.3V
156.25MHz | HCSL | V
DD=1.8V
200MHz | LVPECL | V
DD=3.3V
312.5MHz | LVDS | V
DD=3.3V
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 10.31.2017
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 10.31.2017
ABRACON IS
ISO9001-2015
CERTIFIED
REVISED: 06.06.2018



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com