Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1394 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1394
Description  IEEE1394 ONE PORT CABLE TERMINATION NETWORK WITH ESD PROTECTION DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1394 Datasheet(HTML) 2 Page - STMicroelectronics

  ST1394 Datasheet HTML 1Page - STMicroelectronics ST1394 Datasheet HTML 2Page - STMicroelectronics ST1394 Datasheet HTML 3Page - STMicroelectronics ST1394 Datasheet HTML 4Page - STMicroelectronics ST1394 Datasheet HTML 5Page - STMicroelectronics ST1394 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ST1394
2/6
Table 2: Absolute Ratings (Tamb = 25°C)
Table 3: Electrical Characteristics (Tamb = 25°C)
Note 1: matching between 55
Ω resistors is better than ± 1%.
Figure 2: Functionnal Diagram
APPLICATION INFORMATION
The functional diagram here above presents a IEEE1394-a cable and shows how to connect the
ST1394-01SC6 in order to correctly terminate and filter the TPA and TPB lines.
Symbol
Parameter and test conditions
Value
Unit
Tstg
Storage temperature range
- 55 to + 150
°C
Tj
Maximum junction temperature
+ 150
°C
TL
Lead solder temperature (10 second duration)
260
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
R1, R2, R3, R4 Bus termination resistors (note 1)
55
Ω
CZ
Zener capacitance
5
pF
Rpd
Pull down resistor
5
k
Ω
C
Capacitor in parallel with Rpd
250
pF
(R1+R2),
(R3+R4)
Bus termination impedance
102
110
118
Ω
55
Ω
55
Ω
55
Ω
55
Ω
5k
Ω
250pF
TpBias
Twisted
Pair A
Twisted
Pair B
1M
Ω
0.1µF
0.01µF
Outer
shied
termination
1µF
TPA+
TPA-
TPB+
TPB-
Minimize this distance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com