Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1394 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1394
Description  IEEE1394 ONE PORT CABLE TERMINATION NETWORK WITH ESD PROTECTION DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1394 Datasheet(HTML) 5 Page - STMicroelectronics

  ST1394 Datasheet HTML 1Page - STMicroelectronics ST1394 Datasheet HTML 2Page - STMicroelectronics ST1394 Datasheet HTML 3Page - STMicroelectronics ST1394 Datasheet HTML 4Page - STMicroelectronics ST1394 Datasheet HTML 5Page - STMicroelectronics ST1394 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ST1394
5/6
Figure 9: SOT23-6L Package Mechanical Data
Figure 10: SOT23-6L Foot print dimensions (in millimeters)
E
H
L
A1
c
ee
b
D
A2
A
θ
TPBIAS
TPA+
TPA-
TPB+
TPB-
AGND
GND
TpBias
TPA-
TPB+
TPB-
TPA+
0.60
1.20
1.10
0.95
2.30
3.50
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
0.035
0.057
A1
0
0.10
0
0.004
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.02
C
0.09
0.20
0.004
0.008
D
2.80
3.05
0.110
0.120
E
1.50
1.75
0.059
0.069
e
0.95
0.037
H
2.60
3.00
0.102
0.118
L
0.10
0.60
0.004
0.024
θ
10°
10°
Table 4: Ordering Information
Note: More informations are available in the application note:
AN1783: “HOW TO MAKE FIRE-WIRE COMMUNICATION PORT SAFE?”
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
ST1394-01SC6
139
SOT23-6L
16.7 mg
3000
Tape & reel
Table 5: Revision History
Date
Revision
Description of Changes
Jul-2003
1A
First issue.
28-Oct-2004
2
SOT23-6L package dimensions change for reference “D”
from 3.0 millimeters (0.118 inches) to 3.05 millimeters
(0.120 inches).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com