Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1394 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1394
Description  IEEE1394 ONE PORT CABLE TERMINATION NETWORK WITH ESD PROTECTION DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1394 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1394 Datasheet HTML 1Page - STMicroelectronics ST1394 Datasheet HTML 2Page - STMicroelectronics ST1394 Datasheet HTML 3Page - STMicroelectronics ST1394 Datasheet HTML 4Page - STMicroelectronics ST1394 Datasheet HTML 5Page - STMicroelectronics ST1394 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ST1394
4/6
Figure 7: Crosstalk between TPA and TPB
lines
Figure 8: CST1394 APLAC model
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-75.00
-50.00
-25.00
0.00
dB
f/Hz
Port9
Port10
Port11
250p
5k
55
55
55
55
Ls
Rs
Lpin
Rpin
Rbond
Lbond
Ls
Rs
Port12
Lpin
Rpin
Rbond
Lbond
Lbond
Rbond
Lpin
Rpin
Ls
Rs
Lbond
Rbond
Lpin
Rpin
Lframe
Lpin
Rframepin
Lgnd
Rgnd
Ls
Rs
Ls=1n
Rs=100m
Lpin=230p
Rpin=50m
Lbond=420p
Rbond=50m
LFrame=80p
Rframepin=8.6m
Lgnd=50p
Rgnd=50m
Cdiode=4p



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com