Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1394 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1394
Description  IEEE1394 ONE PORT CABLE TERMINATION NETWORK WITH ESD PROTECTION DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1394 Datasheet(HTML) 3 Page - STMicroelectronics

  ST1394 Datasheet HTML 1Page - STMicroelectronics ST1394 Datasheet HTML 2Page - STMicroelectronics ST1394 Datasheet HTML 3Page - STMicroelectronics ST1394 Datasheet HTML 4Page - STMicroelectronics ST1394 Datasheet HTML 5Page - STMicroelectronics ST1394 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST1394
3/6
TECHNICAL INFORMATION: Frequency behavior of data and strobe signals
Note: For a convenience reason, frequency response have been carried out on both TPA and TPB lines as if TPA+ and TPA- or TPB+ and
TPB- were respectively Inputs and Outputs lines
Figure 3: Measurement confitions
Figure 4: Test Board
Figure 5: TPA line: comparison between Aplac
model and device
Figure 6: TPB line: comparison between Aplac
model and device
ST1394
SPECTRUM
ANALYSER
TRACKING
GENERATOR
Vg
Vout
Vin
50
Ω
50
Ω
+5V
RF test board
Calibration kit board
100.0k
1.0M
10.0M
100.0M
1.0G
-20.00
-15.00
-10.00
-5.00
0.00
dB
f/Hz
Line 1
SimLine 1
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
dB
f/Hz
Line 2
SimLine 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com