Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM906N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AFM906N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM906N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AFM906N Datasheet HTML 2Page - NXP Semiconductors AFM906N Datasheet HTML 3Page - NXP Semiconductors AFM906N Datasheet HTML 4Page - NXP Semiconductors AFM906N Datasheet HTML 5Page - NXP Semiconductors AFM906N Datasheet HTML 6Page - NXP Semiconductors AFM906N Datasheet HTML 7Page - NXP Semiconductors AFM906N Datasheet HTML 8Page - NXP Semiconductors AFM906N Datasheet HTML 9Page - NXP Semiconductors AFM906N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
RF Device Data
NXP Semiconductors
AFM906N
440--520 MHz UHF BROADBAND REFERENCE CIRCUIT —
0.83 1.88 (21.1 mm  47.8 mm)
Figure 4. AFM906N UHF Broadband Reference Circuit Component Layout — 440--520 MHz
AFM906N
Rev. 0
C1
L1
L2
L3
L4
L5
L6
C2
C3
C4
C5
B1
C6
C7 C8
C10
C9
C15
C14
C13
C12
C11
J1
R1
Q1
Table 8. AFM906N UHF Broadband Reference Circuit Component Designations and Values — 440--520 MHz
Part
Description
Part Number
Manufacturer
B1
30 , 6 A Ferrite Bead
MPZ2012S300AT000
TDK
C1, C5, C15
100 pF Chip Capacitors
ATC600F101JT250XT
ATC
C2, C11
15 pF Chip Capacitors
ATC600F150JT250XT
ATC
C3
39 pF Chip Capacitor
ATC600F390JT250XT
ATC
C4, C12
47 pF Chip Capacitors
ATC600F470JT250XT
ATC
C6, C7
0.1 F Chip Capacitors
GRM21BR71H104KA01B
Murata
C8
0.01 F Chip Capacitor
GRM21BR72A103KA01B
Murata
C9
200 pF Chip Capacitor
GQM2195C2A201GB12D
Murata
C10
2.2 F Chip Capacitor
GRM31CR71H225KA88L
Murata
C13
22 pF Chip Capacitor
ATC600F220JT250XT
ATC
C14
5.1 pF Chip Capacitor
ATC600F5R1BT250XT
ATC
J1
Right-Angle Breakaway Headers (3 Pins)
22-28-8360
Molex
L1, L2
5.5 nH Inductors
0806SQ-5N5JLC
Coilcraft
L3, L6
8.1 nH Inductors
0908SQ-8N1JLC
Coilcraft
L4
6 nH Inductor
0806SQ-6N0JLC
Coilcraft
L5
1.65 nH Inductor
0906-2JLC
Coilcraft
Q1
RF Power LDMOS Transistor
AFM906N
NXP
R1
10 , 1/4 W Chip Resistor
CRCW120610R0JNEA
Vishay
PCB
0.020”, r = 4.8, Shengyi S1000-2
D84468
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com