Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM906N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFM906N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM906N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFM906N Datasheet HTML 5Page - NXP Semiconductors AFM906N Datasheet HTML 6Page - NXP Semiconductors AFM906N Datasheet HTML 7Page - NXP Semiconductors AFM906N Datasheet HTML 8Page - NXP Semiconductors AFM906N Datasheet HTML 9Page - NXP Semiconductors AFM906N Datasheet HTML 10Page - NXP Semiconductors AFM906N Datasheet HTML 11Page - NXP Semiconductors AFM906N Datasheet HTML 12Page - NXP Semiconductors AFM906N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AFM906N
9
RF Device Data
NXP Semiconductors
520 MHz NARROWBAND PRODUCTION TEST FIXTURE — 3 5 (7.6 cm  12.7 cm)
R1
Figure 9. AFM906N Narrowband Test Circuit Component Layout — 520 MHz
R2
R3
R4
R5
C5
C6
C7
C1
C2
C3
C4
R6
L2
C9
C8
C10
C12
C13
C14
C15
L3
C11
D75391
AFM906N
Rev. 0
B1
Table 9. AFM906N Narrowband Test Circuit Component Designations and Values — 520 MHz
Part
Description
Part Number
Manufacturer
B1
Short RF Bead
2743019447
Fair-Rite
C1
22 F, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C2, C14
0.1 F Chip Capacitors
CDR33BX104AKWS7370
Kemet
C3, C13
0.01 F Chip Capacitors
C0805C103K5RACTU
Kemet
C4, C12
180 pF Chip Capacitors
ATC100B181JT300XT
ATC
C5
9.1 pF Chip Capacitor
ATC100B9R1CT500XT
ATC
C6, C11
15 pF Chip Capacitors
ATC100B150JT500XT
ATC
C7
13 pF Chip Capacitor
ATC100B130JT500XT
ATC
C8, C9
16 pF Chip Capacitors
ATC100B160JT500XT
ATC
C10
2 pF Chip Capacitor
ATC100B2R0BT500XT
ATC
C15
330 F, 35 V Electrolytic Capacitor
MCGPR35V337M10X16-RH
Multicomp
L2
8 nH Inductor, 3 Turns
A03TKLC
Coilcraft
L3
5 nH Inductor, 2 Turns
A02TKLC
Coilcraft
R1, R2, R3, R4, R5
1.5 , 1/4 W Chip Resistors
RC1206FR-071R5L
Yageo
R6
27 , 1/4 W Chip Resistor
CRCW120627R0FKEA
Vishay
PCB
Rogers RO4350B, 0.030”, er =3.66
D75391
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com