Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM906N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFM906N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM906N Datasheet(HTML) 1 Page - NXP Semiconductors

  AFM906N Datasheet HTML 1Page - NXP Semiconductors AFM906N Datasheet HTML 2Page - NXP Semiconductors AFM906N Datasheet HTML 3Page - NXP Semiconductors AFM906N Datasheet HTML 4Page - NXP Semiconductors AFM906N Datasheet HTML 5Page - NXP Semiconductors AFM906N Datasheet HTML 6Page - NXP Semiconductors AFM906N Datasheet HTML 7Page - NXP Semiconductors AFM906N Datasheet HTML 8Page - NXP Semiconductors AFM906N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AFM906N
1
RF Device Data
NXP Semiconductors
RF Power LDMOS Transistor
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFET
Designed for handheld two--way radio applications with frequencies from
136 to 941 MHz. The high gain, ruggedness and wideband performance of this
device make it ideal for large--signal, common--source amplifier applications in
handheld radio equipment.
Wideband Performance (In 440–520 MHz reference circuit, 7.5 Vdc, TA =25C, CW)
Frequency
(MHz)
Pin
(W)
Gps
(dB)
D
(%)
Pout
(W)
440–520 (1,2)
0.16
16.2
62.0
6.5
Narrowband Performance (7.5 Vdc, TA =25C, CW)
Frequency
(MHz)
Gps
(B)
D
(%)
Pout
(W)
520 (3)
20.3
70.8
6.8
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal
Type
VSWR
Pin
(dBm)
Test
Voltage
Result
520 (3)
CW
> 65:1 at all
Phase Angles
21
(3 dB Overdrive)
10.8
No Device
Degradation
1. Measured in 440–520 MHz broadband reference circuit (page 6).
2. The values shown are the minimum measured performance numbers across the
indicated frequency range.
3. Measured in 520 MHz narrowband production test fixture (page 9).
Features
 Characterized for operation from 136 to 941 MHz
 Unmatched input and output allowing wide frequency range utilization
 Integrated ESD protection
 Integrated stability enhancements
 Wideband — full power across the band
 Exceptional thermal performance
 Extreme ruggedness
 High linearity for: TETRA, SSB
Typical Applications
 Output stage VHF band handheld radio
 Output stage UHF band handheld radio
 Output stage for 700–800 MHz handheld radio
 Generic 6 W driver for ISM and broadcast final stage transistors
Document Number: AFM906N
Rev. 1, 8/2016
NXP Semiconductors
Technical Data
136–941 MHz, 6.0 W, 7.5 V
WIDEBAND
AIRFAST RF POWER LDMOS
TRANSISTOR
AFM906N
DFN 4  6
15
9
11
10
1
16
14
13
12
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
Note: Exposed backside of the package is
the source terminal for the transistor.
(Top View)
2
3
4
5
6
7
8
Gate
Gate
Gate
Gate
Drain
Drain
Drain
Drain
Figure 1. Pin Connections
 2016 NXP B.V.


Similar Part No. - AFM906N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
More results

Similar Description - AFM906N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
AFT05MP075N NXP-AFT05MP075N Datasheet
1Mb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2014
AFT05MS003N NXP-AFT05MS003N Datasheet
1Mb / 20P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 8/2015
AFT05MS004N NXP-AFT05MS004N Datasheet
1Mb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
AFT05MS006N NXP-AFT05MS006N Datasheet
996Kb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 2/2014
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
AFT09MS007N NXP-AFT09MS007N Datasheet
1Mb / 28P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 4/2014
AFT09MS015N NXP-AFT09MS015N Datasheet
861Kb / 18P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 7/2014
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com