Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM906N Datasheet(PDF) 10 Page - NXP Semiconductors

Part # AFM906N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM906N Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button AFM906N Datasheet HTML 6Page - NXP Semiconductors AFM906N Datasheet HTML 7Page - NXP Semiconductors AFM906N Datasheet HTML 8Page - NXP Semiconductors AFM906N Datasheet HTML 9Page - NXP Semiconductors AFM906N Datasheet HTML 10Page - NXP Semiconductors AFM906N Datasheet HTML 11Page - NXP Semiconductors AFM906N Datasheet HTML 12Page - NXP Semiconductors AFM906N Datasheet HTML 13Page - NXP Semiconductors AFM906N Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
RF Device Data
NXP Semiconductors
AFM906N
TYPICAL CHARACTERISTICS — 520 MHz NARROWBAND
PRODUCTION TEST FIXTURE
Pin = 18 dBm
0
10
8
6
4
34
12
2
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 10. Output Power versus Gate--Source Voltage
VDD =7.5 Vdc,f=520 MHz
Gps
Pin, INPUT POWER (WATTS)
Figure 11. Power Gain, Drain Efficiency, and
Output Power versus Input Power
22
21
0
90
70
50
10
10
8
D
20
19
18
17
16
13
0.00
30
4
VDD =7.5 Vdc, lDQ = 100 mA, f = 520 MHz
Pout
15
2
14
12
0.05
0.10
0.15
0.20
0.25
0.30
0.35
6
Pin = 15 dBm
1.5
2.5
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com