Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS004N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFT05MS004N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS004N Datasheet(HTML) 5 Page - NXP Semiconductors

  AFT05MS004N Datasheet HTML 1Page - NXP Semiconductors AFT05MS004N Datasheet HTML 2Page - NXP Semiconductors AFT05MS004N Datasheet HTML 3Page - NXP Semiconductors AFT05MS004N Datasheet HTML 4Page - NXP Semiconductors AFT05MS004N Datasheet HTML 5Page - NXP Semiconductors AFT05MS004N Datasheet HTML 6Page - NXP Semiconductors AFT05MS004N Datasheet HTML 7Page - NXP Semiconductors AFT05MS004N Datasheet HTML 8Page - NXP Semiconductors AFT05MS004N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AFT05MS004NT1
5
RF Device Data
Freescale Semiconductor, Inc.
520 MHz NARROWBAND PRODUCTION TEST FIXTURE
C12
C11
C10
VDD
VGG
C9
C13
C14
C8
C16
R5
R6
C4
L1
L2
C7
C6
C5
C3
C2
C1
R4
R3
R2
R1
C15
AFT05MS004N
Rev. 0
D57923
Figure 4. AFT05MS004NT1 Narrowband Test Circuit Component Layout — 520 MHz
B1
Table 6. AFT05MS004NT1 Narrowband Test Circuit Component Designations and Values — 520 MHz
Part
Description
Part Number
Manufacturer
B1
RF Bead, Short
2743019447
Fair--Rite
C1
22 F, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C2, C11
0.1 F Chip Capacitors
CDR33BX104AKWS
AVX
C3, C10
0.01 F Chip Capacitors
C0805C103K5RAC
Kemet
C4, C9
180 pF Chip Capacitors
ATC100B181JT300XT
ATC
C5
11 pF Chip Capacitor
ATC100B110JT500XT
ATC
C6, C7
13 pF Chip Capacitors
ATC100B130JT500XT
ATC
C8, C15
2.2 pF Chip Capacitors
ATC100B2R2JT500XT
ATC
C12
330 F, 35 V Electrolytic Capacitor
MCGPR35V337M10X16--RH
Multicomp
C13, C14
16 pF Chip Capacitors
ATC100B160JT500XT
ATC
C16
9.1 pF Chip Capacitor
ATC100B9R1CT500XT
ATC
L1
8.0 nH, 3 Turn Inductor
A03TKLC
Coilcraft
L2
5 nH, 2 Turn Inductor
A02TKLC
Coilcraft
R1, R2, R3, R4, R5
1.5 , 1/4 W Chip Resistors
RC1206FR--071R5L
Yageo
R6
27 , 1/4 W Chip Resistor
CRCW120627R0FKEA
Vishay
PCB
Rogers RO4350, 0.030, r =3.66
D57923
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com