Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS004N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFT05MS004N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS004N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFT05MS004N Datasheet HTML 5Page - NXP Semiconductors AFT05MS004N Datasheet HTML 6Page - NXP Semiconductors AFT05MS004N Datasheet HTML 7Page - NXP Semiconductors AFT05MS004N Datasheet HTML 8Page - NXP Semiconductors AFT05MS004N Datasheet HTML 9Page - NXP Semiconductors AFT05MS004N Datasheet HTML 10Page - NXP Semiconductors AFT05MS004N Datasheet HTML 11Page - NXP Semiconductors AFT05MS004N Datasheet HTML 12Page - NXP Semiconductors AFT05MS004N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AFT05MS004NT1
9
RF Device Data
Freescale Semiconductor, Inc.
136–174 MHz VHF BROADBAND REFERENCE CIRCUIT
Figure 9. AFT05MS004NT1 VHF Broadband Reference Circuit Component Layout — 136–174 MHz
J1
Q1
C11
C12
C10
C9
L6
C8
L5
C7
L3
L4
C16 C17 C18
R1
L2
C13 C14 C15
C1
C2
C3
C4
C5 C6
L1
D61839
AFT05MS004N Rev. 0 (136–174 MHz)
Table 10. AFT05MS004NT1 VHF Broadband Reference Circuit Component Designations and Values — 136–174 MHz
Part
Description
Part Number
Manufacturer
C1, C10, C14, C17
1 nF Chip Capacitors
2012X7R2E102M
TDK
C2
39 pF Chip Capacitor
ATC600F390JT250XT
ATC
C3, C8
56 pF Chip Capacitors
ATC600F560JT250XT
ATC
C4, C5
68 pF Chip Capacitors
ATC600F680JT250XT
ATC
C6, C15, C16
100 pF Chip Capacitors
ATC600F101JT250XT
ATC
C7
150 pF Chip Capacitor
ATC600F151JT250XT
ATC
C9
8.2 pF Chip Capacitor
ATC600F8R2BT250XT
ATC
C11, C12
10 F, 50 V Electrolytic Capacitors
UVR1H100MDD
Nichicon
C13, C18
1 F Chip Capacitors
GRM21BR71H105KA12L
Murata
J1
Breakaway Header, Right--Angle 3 Pins
22-28-8360
Molex
L1
13.7 nH Inductor
0807SQ14N
Coilcraft
L2
12.3 nH Inductor
0806SQ12N
Coilcraft
L3, L4
25.0 nH Inductors
0908SQ25N
Coilcraft
L5
15.7 nH Inductor
0806SQ16N
Coilcraft
L6
27.3 nH Inductor
0908SQ27N
Coilcraft
Q1
RF Power LDMOS Transistor
AFT05MS004NT1
Freescale
R1
33 , 1/10 W Chip Resistor
CRCW080533R0JNEA
Vishay
PCB
0.020, r = 4.8, FR4 (S--1000)
D61839
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com