Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS004N Datasheet(PDF) 12 Page - NXP Semiconductors

Part # AFT05MS004N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS004N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button AFT05MS004N Datasheet HTML 8Page - NXP Semiconductors AFT05MS004N Datasheet HTML 9Page - NXP Semiconductors AFT05MS004N Datasheet HTML 10Page - NXP Semiconductors AFT05MS004N Datasheet HTML 11Page - NXP Semiconductors AFT05MS004N Datasheet HTML 12Page - NXP Semiconductors AFT05MS004N Datasheet HTML 13Page - NXP Semiconductors AFT05MS004N Datasheet HTML 14Page - NXP Semiconductors AFT05MS004N Datasheet HTML 15Page - NXP Semiconductors AFT05MS004N Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
AFT05MS004NT1
136–174 MHz VHF BROADBAND REFERENCE CIRCUIT
Zo =25 
Zsource
Zload
f = 175 MHz
f = 135 MHz
f = 135 MHz
f = 175 MHz
VDD =7.5 Vdc, IDQ = 100 mA, Pout =4 W
f
MHz
Zsource
Zload
135
7.02 + j13.05
2.24 - j1.21
140
8.07 + j13.00
2.42 - j0.87
145
9.05 + j12.43
2.56 - j0.54
150
9.68 + j11.26
2.79 - j0.24
155
9.16 + j9.82
3.08 - j0.07
160
7.39 + j9.21
3.23 - j0.03
165
5.83 + j10.15
3.52 - j0.09
170
5.09 + j11.62
3.77 - j0.01
175
5.06 + j12.97
3.40 - j0.27
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 14. VHF Broadband Series Equivalent Source and Load Impedance — 136–174 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com