Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS004N Datasheet(PDF) 11 Page - NXP Semiconductors

Part # AFT05MS004N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS004N Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button AFT05MS004N Datasheet HTML 7Page - NXP Semiconductors AFT05MS004N Datasheet HTML 8Page - NXP Semiconductors AFT05MS004N Datasheet HTML 9Page - NXP Semiconductors AFT05MS004N Datasheet HTML 10Page - NXP Semiconductors AFT05MS004N Datasheet HTML 11Page - NXP Semiconductors AFT05MS004N Datasheet HTML 12Page - NXP Semiconductors AFT05MS004N Datasheet HTML 13Page - NXP Semiconductors AFT05MS004N Datasheet HTML 14Page - NXP Semiconductors AFT05MS004N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AFT05MS004NT1
11
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 136–174 MHz VHF BROADBAND
REFERENCE CIRCUIT
135
Gps
f, FREQUENCY (MHz)
Figure 11. Power Gain, Drain Efficiency and Output Power versus
Frequency at a Constant Pin
13
22
4
90
80
70
60
7
6
5
D
20
18
14
150
165
170
50
VDD =7.5 Vdc
Pin =0.1 W
IDQ = 100 mA
Pout
19
17
16
15
155
140
175
21
145
160
8
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 12. Output Power versus Gate--Source Voltage
6
0.5
1.5
2
3
5
1
f = 155 MHz
VDD =7.5 Vdc, Pin =0.1 W
0
0
Detail A
0.5
1.5
f = 155 MHz
Detail A
VDD =7.5 Vdc
Pin =0.05 W
VGS, GATE--SOURCE VOLTAGE (VOLTS)
3
VDD =7.5 Vdc, Pin =0.05 W
0.2
VDD =7.5 Vdc
Pin =0.1 W
2.5
1
0.4
1
3.5
2
4
1
2.5
2
0.6
0.8
3
Figure 13. Power Gain, Drain Efficiency and Output
Power versus Input Power and Frequency
Pin, INPUT POWER (WATTS)
12
15
14
0.01
0.3
Gps
4
0
2
18
17
16
19
20
60
80
0.1
Pout
VDD =7.5 Vdc
IDQ = 100 mA
13
155 MHz
135 MHz
155 MHz
175 MHz
175 MHz
135 MHz
D
155 MHz
135 MHz
20
25
10
9
50
40
10
1
11
21
22
23
24
7
6
5
8
30
70
175 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com