Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MP055N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFT09MP055N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MP055N Datasheet(HTML) 5 Page - NXP Semiconductors

  AFT09MP055N Datasheet HTML 1Page - NXP Semiconductors AFT09MP055N Datasheet HTML 2Page - NXP Semiconductors AFT09MP055N Datasheet HTML 3Page - NXP Semiconductors AFT09MP055N Datasheet HTML 4Page - NXP Semiconductors AFT09MP055N Datasheet HTML 5Page - NXP Semiconductors AFT09MP055N Datasheet HTML 6Page - NXP Semiconductors AFT09MP055N Datasheet HTML 7Page - NXP Semiconductors AFT09MP055N Datasheet HTML 8Page - NXP Semiconductors AFT09MP055N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AFT09MP055NR1 AFT09MP055GNR1
5
RF Device Data
Freescale Semiconductor, Inc.
870 MHz NARROWBAND PRODUCTION TEST FIXTURE
Figure 5. AFT09MP055NR1 Narrowband Test Circuit Component Layout — 870 MHz
C1
C5 C7
B1
C9
L1
R1
C16
C14
R3
C15
C17
R2
L2
C10
B2
C2
C6 C8
C13
C12
B4
C4
L4
C19
C21
C23
R4
C22
C20
C18
L3
B3
C3
C11
C24
AFT09MP055N
Rev. 3
Table 6. AFT09MP055NR1 Narrowband Test Circuit Component Designations and Values — 870 MHz
Part
Description
Part Number
Manufacturer
B1, B2
RF Beads, Short
2743019447
Fair-Rite
B3, B4
RF Beads, Long
2743021447
Fair-Rite
C1, C2, C3, C4
10 μF Chip Capacitors
GRM55DR61H106KA88L
Murata
C5, C6
0.1 μF Chip Capacitors
GRM32MR71H104JA01L
Murata
C7, C8
1 μF Chip Capacitors
GRM31MR71H105KA88L
Murata
C9, C10
68 pF Chip Capacitors
ATC100B680JT500XT
ATC
C11, C12, C22, C23
56 pF Chip Capacitors
ATC100B560CT500XT
ATC
C13
7.5 pF Chip Capacitor
GQM2195C2E7R5BB15
Murata
C14, C15
7.5 pF Chip Capacitors
ATC100B7R5CT500XT
ATC
C16, C17
12 pF Chip Capacitors
ATC600F120JT250XT
ATC
C18, C19, C20, C21
9.1 pF Chip Capacitors
GQM2195C2E9R1BB15
Murata
C24
3 pF Chip Capacitor
ATC600F3R0BT250XT
ATC
L1, L2, L3, L4
2.5 nH Inductors
A01TKLC
Coilcraft
R1, R2
10 Ω Chip Resistors
CRCW120610R0JNEA
Vishay
R3
2.0 Ω Chip Resistor
ERJ-14YJ2R0U
Panasonic
R4
5.9 Ω Chip Resistor
CRCW12065R90FKEA
Vishay
PCB
0.030″, εr =4.8
RF35A2
Taconic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com