Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MP055N Datasheet(PDF) 12 Page - NXP Semiconductors

Part # AFT09MP055N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MP055N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button AFT09MP055N Datasheet HTML 8Page - NXP Semiconductors AFT09MP055N Datasheet HTML 9Page - NXP Semiconductors AFT09MP055N Datasheet HTML 10Page - NXP Semiconductors AFT09MP055N Datasheet HTML 11Page - NXP Semiconductors AFT09MP055N Datasheet HTML 12Page - NXP Semiconductors AFT09MP055N Datasheet HTML 13Page - NXP Semiconductors AFT09MP055N Datasheet HTML 14Page - NXP Semiconductors AFT09MP055N Datasheet HTML 15Page - NXP Semiconductors AFT09MP055N Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
AFT09MP055NR1 AFT09MP055GNR1
TYPICAL CHARACTERISTICS — 764--870 MHz BROADBAND
REFERENCE CIRCUIT
50
20
30
40
50
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 14. Output Power versus Gate--Source Voltage
80
1
2
34
f = 816 MHz
0
0
Detail A
0.5
1.5
2
2.5
40
30
f = 816 MHz
VGS, GATE--SOURCE VOLTAGE (VOLTS)
60
70
VDD = 12.5 Vdc, Pin =1.5 W
20
10
VDD = 13.6 Vdc, Pin =1.5 W
Detail A
10
VDD = 13.6 Vdc, Pin =1 W
1
VDD = 12.5 Vdc
Pin =1 W
VDD = 13.6 Vdc, Pin =1.5 W
VDD = 13.6 Vdc, Pin =1 W
VDD = 12.5 Vdc, Pin =1.5 W
VDD = 12.5 Vdc
Pin =1 W
100
120
Figure 15. Power Gain, Output Power and Drain
Efficiency versus Input Power and Frequency
Pin, INPUT POWER (WATTS)
13
15
14
3
Gps
40
0
20
18
17
16
19
80
1
Pout
VDD = 12.5 Vdc, IDQ(A+B) = 800 mA
764 MHz
ηD
870 MHz
60
0.1
816 MHz
870 MHz
816 MHz
764 MHz
816 MHz
764 MHz
870 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com