Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MP055N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFT09MP055N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MP055N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFT09MP055N Datasheet HTML 5Page - NXP Semiconductors AFT09MP055N Datasheet HTML 6Page - NXP Semiconductors AFT09MP055N Datasheet HTML 7Page - NXP Semiconductors AFT09MP055N Datasheet HTML 8Page - NXP Semiconductors AFT09MP055N Datasheet HTML 9Page - NXP Semiconductors AFT09MP055N Datasheet HTML 10Page - NXP Semiconductors AFT09MP055N Datasheet HTML 11Page - NXP Semiconductors AFT09MP055N Datasheet HTML 12Page - NXP Semiconductors AFT09MP055N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AFT09MP055NR1 AFT09MP055GNR1
9
RF Device Data
Freescale Semiconductor, Inc.
764--870 MHz BROADBAND REFERENCE CIRCUIT
C32
AFT09MP055N
Rev. 1
C28 C24
B1
L1
R3
C7*
C5
R1
C9
C10
C1*
C11* C12*
C8*
R4
C6
L2
B2
C33C29C25
B3
R5
C4
L3
C15 C13
C26 C30
C34
C36
C17
C20
C22
R2
C23
C21
C19
C2*
C18
L4
C14
C16
C3
B4
R6
C27 C31
C35
C37
Figure 10. AFT09MP055NR1 Broadband Reference Circuit Component Layout — 764--870 MHz
*C1, C2, C7, C8, C11 and C12 are mounted vertically.
Q1
Table 10. AFT09MP055NR1 Broadband Reference Circuit Component Designations and Values — 764--870 MHz
Part
Description
Part Number
Manufacturer
B1, B2, B3, B4
RF Beads, Short
2743019447
Fair-Rite
C1, C2, C3, C4
56 pF Chip Capacitors
ATC100B560GT1500XT
ATC
C5, C6, C7, C8
10 pF Chip Capacitors
ATC600F100GT250XT
ATC
C9, C10
8.2 pF Chip Capacitors
ATC600F8R2JT250XT
ATC
C11
4.7 pF Chip Capacitor
ATC600F4R7GT250XT
ATC
C12
5.6 pF Chip Capacitor
ATC600F5R6GT250XT
ATC
C13, C14
15 pF Chip Capacitors
ATC600F150JT250XT
ATC
C15, C16, C17, C18
3.9 pF Chip Capacitors
ATC600F3R9GT250XT
ATC
C19
6.8 pF Chip Capacitor
ATC600F6R8GT250XT
ATC
C20, C21
2.2 pF Chip Capacitors
ATC600F2R2GT250XT
ATC
C22, C23
1.5 pF Chip Capacitors
ATC600F1R5GT250XT
ATC
C24, C25, C26, C27
0.1 μF Chip Capacitors
GRM32MR71H104JA01L
Murata
C28, C29, C30, C31
1 μF Chip Capacitors
GRM31MR71H105KA88L
Murata
C32, C33, C34, C35
10 μF Chip Capacitors
GRM55DR61H106KA88L
Murata
C36, C37
470 μF, 63 V Electrolytic Capacitors
MCGPR63V477M13X26-RH
Multicomp
L1, L2, L3, L4
12.5 nH Chip Inductors
A04TKLC
Coilcraft
Q1
RF Power LDMOS Transistor
AFT09MP055NR1
Freescale
R1, R2, R3, R4, R5, R6
10 Ω, Chip Resistors
CRCW201010R0FKEF
Vishay
PCB
0.030″, εr =4.8
S1000-2
Shengyi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com