Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MP055N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # AFT09MP055N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MP055N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button AFT09MP055N Datasheet HTML 9Page - NXP Semiconductors AFT09MP055N Datasheet HTML 10Page - NXP Semiconductors AFT09MP055N Datasheet HTML 11Page - NXP Semiconductors AFT09MP055N Datasheet HTML 12Page - NXP Semiconductors AFT09MP055N Datasheet HTML 13Page - NXP Semiconductors AFT09MP055N Datasheet HTML 14Page - NXP Semiconductors AFT09MP055N Datasheet HTML 15Page - NXP Semiconductors AFT09MP055N Datasheet HTML 16Page - NXP Semiconductors AFT09MP055N Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AFT09MP055NR1 AFT09MP055GNR1
13
RF Device Data
Freescale Semiconductor, Inc.
764--870 MHz BROADBAND REFERENCE CIRCUIT
Zo =2 Ω
Zload
f = 760 MHz
f = 870 MHz
f = 870 MHz
f = 760 MHz
Zsource
VDD = 12.5 Vdc, IDQ(A+B) = 800 mA, Pout =55 W Avg.
f
MHz
Zsource
Ω
Zload
Ω
760
1.24 + j0.09
1.00 -- j0.81
770
1.30 + j0.15
1.00 -- j0.75
780
1.35 + j0.21
1.00 - j0.72
790
1.43 + j0.34
1.01 - j0.61
800
1.54 + j0.34
1.03 - j0.58
810
1.66 + j0.18
0.99 - j0.65
820
1.63 + j0.06
0.90 - j0.63
830
1.55 - j0.07
0.78 - j0.60
840
1.42 - j0.12
0.71 - j0.48
850
1.21 - j0.13
0.56 - j0.37
860
1.15 - j0.12
0.52 - j0.28
870
1.01 - j0.10
0.43 - j0.17
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 16. Broadband Series Equivalent Source and Load Impedance — 764--870 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 Ω
50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com