Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MS007N Datasheet(PDF) 16 Page - NXP Semiconductors

Part # AFT09MS007N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007N Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button AFT09MS007N Datasheet HTML 12Page - NXP Semiconductors AFT09MS007N Datasheet HTML 13Page - NXP Semiconductors AFT09MS007N Datasheet HTML 14Page - NXP Semiconductors AFT09MS007N Datasheet HTML 15Page - NXP Semiconductors AFT09MS007N Datasheet HTML 16Page - NXP Semiconductors AFT09MS007N Datasheet HTML 17Page - NXP Semiconductors AFT09MS007N Datasheet HTML 18Page - NXP Semiconductors AFT09MS007N Datasheet HTML 19Page - NXP Semiconductors AFT09MS007N Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
RF Device Data
Freescale Semiconductor, Inc.
AFT09MS007NT1
TYPICAL CHARACTERISTICS — 450–520 MHz UHF BROADBAND
REFERENCE CIRCUIT
440
Gps
f, FREQUENCY (MHz)
Figure 18. Power Gain, Output Power and Drain Efficiency versus
Frequency at a Constant Input Power — 7.5 V
12
20
7
90
80
70
60
10
9
8
D
19
17
13
460
470
490
500
520 530
50
VDD =7.5 Vdc
Pin =0.25 W
IDQ = 150 mA
Pout
18
16
15
14
450
480
510
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 19. Output Power versus Gate--Source Voltage
16
1
2
34
10
2
8
4
f = 485 MHz
VDD =7.5 Vdc, Pin =0.25 W
0
0
Detail A
7
12
3
4
6
5
4
8
f = 485 MHz
Detail A
VDD =7.5 Vdc
Pin =0.1 W
VGS, GATE--SOURCE VOLTAGE (VOLTS)
6
12
14
VDD =7.5 Vdc, Pin =0.1 W
3
2
1
VDD =7.5 Vdc
Pin =0.25 W
Figure 20. Power Gain, Output Power and Drain
Efficiency versus Input Power and Frequency
Pin, INPUT POWER (WATTS)
12
15
14
0.03
1
f = 520 MHz
Gps
8
20
12
0
4
18
17
16
19
40
60
80
0.1
Pout
VDD =7.5 Vdc
IDQ = 150 mA
13
485 MHz
450 MHz
450 MHz
450 MHz
520 MHz
485 MHz
D
520 MHz
485 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com