Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MS007N Datasheet(PDF) 12 Page - NXP Semiconductors

Part # AFT09MS007N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button AFT09MS007N Datasheet HTML 8Page - NXP Semiconductors AFT09MS007N Datasheet HTML 9Page - NXP Semiconductors AFT09MS007N Datasheet HTML 10Page - NXP Semiconductors AFT09MS007N Datasheet HTML 11Page - NXP Semiconductors AFT09MS007N Datasheet HTML 12Page - NXP Semiconductors AFT09MS007N Datasheet HTML 13Page - NXP Semiconductors AFT09MS007N Datasheet HTML 14Page - NXP Semiconductors AFT09MS007N Datasheet HTML 15Page - NXP Semiconductors AFT09MS007N Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
AFT09MS007NT1
350–470 MHz UHF BROADBAND REFERENCE CIRCUIT
Zo =10 
f = 350 MHz
f = 470 MHz
Zload
Zsource
f = 350 MHz
f = 470 MHz
VDD =7.5 Vdc, IDQ = 200 mA, Pout =7.5 W
f
MHz
Zsource
Zload
350
2.7 + j6.6
3.5 + j4.2
370
3.3 + j6.2
3.7 + j4.2
390
3.1 + j5.4
3.5 + j4.0
410
2.6 + j6.1
3.5 + j5.0
430
2.1 + j7.1
3.6 + j5.9
450
2.2 + j7.3
3.6 + j5.6
470
2.0 + j7.7
3.0 + j5.8
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 15. UHF Broadband Series Equivalent Source and Load Impedance — 350–470 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com