Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MS007N Datasheet(PDF) 27 Page - NXP Semiconductors

Part # AFT09MS007N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007N Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button AFT09MS007N Datasheet HTML 20Page - NXP Semiconductors AFT09MS007N Datasheet HTML 21Page - NXP Semiconductors AFT09MS007N Datasheet HTML 22Page - NXP Semiconductors AFT09MS007N Datasheet HTML 23Page - NXP Semiconductors AFT09MS007N Datasheet HTML 24Page - NXP Semiconductors AFT09MS007N Datasheet HTML 25Page - NXP Semiconductors AFT09MS007N Datasheet HTML 26Page - NXP Semiconductors AFT09MS007N Datasheet HTML 27Page - NXP Semiconductors AFT09MS007N Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AFT09MS007NT1
27
RF Device Data
Freescale Semiconductor, Inc.
PRODUCT DOCUMENTATION, SOFTWARE AND TOOLS
Refer to the following documents, software and tools to aid your design process.
Application Notes
 AN1955: Thermal Measurement Methodology of RF Power Amplifiers
Engineering Bulletins
 EB212: Using Data Sheet Impedances for RF LDMOS Devices
Software
 Electromigration MTTF Calculator
 RF High Power Model
 .s2p File
Development Tools
 Printed Circuit Boards
For Software and Tools, do a Part Number search at http://www.freescale.com, and select the “Part Number” link. Go to the
Software & Tools tab on the part’s Product Summary page to download the respective tool.
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
0
June 2013
 Initial Release of Data Sheet
1
Apr. 2014
 Wideband Performance tables 8, 12, 16: updated to include Pin for all reference circuits, pp. 1, 8, 13, 18
 Tape and Reel information: corrected tape width information from 13--inch reel to 7--inch reel to reflect
actual reel size, p. 1
 Maximum Ratings table: changed Total Device Dissipation value from 182 to 114 W to reflect performance
at 150C, p. 2
 Fig. 4, MTTF versus Junction Temperature – CW: MTTF end temperature on graph changed to match
maximum operating junction temperature, p. 4
 Table 6, Test Circuit Component Designations and Values: updated PCB description to reflect most current
board specifications from Rogers, p. 5
 Added 350–470 MHz UHF Broadband Reference Circuit as follows:
-- Wideband Performance table, p. 1
-- Table 8, UHF Broadband Performance, p. 8
-- Table 9, Load Mismatch/Ruggedness, p. 8
-- Fig. 10, UHF Broadband Reference Circuit Component Layout, p. 9
-- Table 10, UHF Broadband Reference Circuit Component Designations and Values, p. 9
-- Fig. 11, UHF Broadband Reference Circuit Schematic, p. 10
-- Table 11, UHF Broadband Reference Circuit Microstrips, p. 10
-- Fig. 12, Power Gain, Drain Efficiency and Output Power versus Frequency at a Constant Input
Power, p. 11
-- Fig. 13, Output Power versus Gate--Source Voltage, p. 11
-- Fig. 14, Power Gain, Drain Efficiency and Output Power versus Input Power and Frequency, p. 11
-- Fig. 15, VHF Broadband Series Equivalent Source and Load Impedance, p. 12
 Table 12. Load Mismatch/Ruggedness table: changed Test Voltage from 9.0 to 10.8 Vdc to reflect true
capability of the circuit, p. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com