Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MS007N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFT09MS007N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MS007N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFT09MS007N Datasheet HTML 5Page - NXP Semiconductors AFT09MS007N Datasheet HTML 6Page - NXP Semiconductors AFT09MS007N Datasheet HTML 7Page - NXP Semiconductors AFT09MS007N Datasheet HTML 8Page - NXP Semiconductors AFT09MS007N Datasheet HTML 9Page - NXP Semiconductors AFT09MS007N Datasheet HTML 10Page - NXP Semiconductors AFT09MS007N Datasheet HTML 11Page - NXP Semiconductors AFT09MS007N Datasheet HTML 12Page - NXP Semiconductors AFT09MS007N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AFT09MS007NT1
9
RF Device Data
Freescale Semiconductor, Inc.
350–470 MHz UHF BROADBAND REFERENCE CIRCUIT
Figure 10. AFT09MS007NT1 UHF Broadband Reference Circuit Component Layout — 350–470 MHz
C1
L1
C2
C3
C4
C5
L2
C6 C7
C8
C9
C10
C11
L3
J1
Q1
L5
L4
L6
L7
C14
C15
C13
C12
C19
C18
C17
C16
R1
D58008
Table 10. AFT09MS007NT1 UHF Broadband Reference Circuit Component Designations and Values — 350–470 MHz
Part
Description
Part Number
Manufacturer
C1, C10, C19
100 pF Chip Capacitors
ATC600F101JT250XT
ATC
C2
10 pF Chip Capacitor
ATC600F100JT250XT
ATC
C3
3.0 pF Chip Capacitor
ATC600F3R0BT250XT
ATC
C4, C8
27 pF Chip Capacitors
ATC600F270JT250XT
ATC
C5
5.1 pF Chip Capacitor
ATC600F5R1BT250XT
ATC
C6, C7
30 pF Chip Capacitors
ATC600F300JT250XT
ATC
C9
10 nF Chip Capacitor
C1210C103J5GAC-TU
Kemet
C11
82 pF Chip Capacitor
ATC600F820JT250XT
ATC
C12
240 pF Chip Capacitor
ATC600F241JT250XT
ATC
C13
2.2 F Chip Capacitor
C3225X7R1H225K250AB
TDK
C14
0.1 F Chip Capacitor
GRM21BR71H104KA01B
Murata
C15
0.01 F Chip Capacitor
GRM21BR72A103KA01B
Murata
C16
47 pF Chip Capacitor
ATC600F470JT250XT
ATC
C17
18 pF Chip Capacitor
ATC600F180BT250XT
ATC
C18
7.5 pF Chip Capacitor
ATC100A7R5JT150XT
ATC
J1
3--pin Header
22-28-8360
Molex
L1
8.1 nH Inductor
0908SQ8N1
Coilcraft
L2
2.55 nH, 3 Turn Inductor
0906-3JLC
Coilcraft
L3, L4, L5
21.5 nH Inductors
0908SQ22N
Coilcraft
L6
3.85 nH, 4 Turn Inductor
0906-4JLC
Coilcraft
L7
8.9 nH Inductor
0806SQ8N9
Coilcraft
Q1
RF Power LDMOS Transistor
AFT09MS007NT1
Freescale
R1
62 , 1/10 W Chip Resistor
RG2012N-620-B-T1
Susumu
PCB
Shengyi S1000-2, 0.020, r =4.8
D58008
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com