Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09S200W02S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFT09S200W02S
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02S Datasheet(HTML) 3 Page - NXP Semiconductors

  AFT09S200W02S Datasheet HTML 1Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 2Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 3Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AFT09S200W02SR3
3
RF Device Data
Freescale Semiconductor, Inc.
Table 4. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (1) (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ = 1400 mA, Pout = 56 W Avg., f = 960 MHz,
Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.9 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz
Channel Bandwidth @ 5MHz Offset.
Power Gain
Gps
18.5
19.4
21.5
dB
Drain Efficiency
D
32.5
35.6
—
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
6.3
6.8
—
dB
Adjacent Channel Power Ratio
ACPR
—
–34.7
--33.0
dBc
Input Return Loss
IRL
—
–12
--9
dB
Load Mismatch (In Freescale Test Fixture, 50 ohm system) IDQ = 1400 mA, f = 940 MHz
VSWR 10:1 at 32 Vdc, 148 W CW Output Power
(0 dB Input Overdrive from 148 W CW Rated Power)
No Device Degradation
Typical Performance (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ = 1400 mA, 920–960 MHz Bandwidth
Pout @ 1 dB Compression Point, CW
P1dB
—
148
—
W
AM/PM
(Maximum value measured at the P3dB compression point across
the 920–960 MHz frequency range)
—
--12
—
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
—
230
—
MHz
Gain Flatness in 40 MHz Bandwidth @ Pout =56 W Avg.
GF
—
0.3
—
dB
Gain Variation over Temperature
(–30Cto+85C)
G
—
0.018
—
dB/C
Output Power Variation over Temperature
(–30Cto+85C)
P1dB
—
0.004
—
dB/C
Table 5. Ordering Information
Device
Tape and Reel Information
Package
AFT09S200W02SR3
R3 Suffix = 250 Units, 56 mm Tape Width, 13--inch Reel
NI--780S--2L
1. Part internally matched both on input and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com