Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09S200W02S Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFT09S200W02S
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02S Datasheet(HTML) 1 Page - NXP Semiconductors

  AFT09S200W02S Datasheet HTML 1Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 2Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 3Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AFT09S200W02SR3
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistor
N--Channel Enhancement--Mode Lateral MOSFET
This 56 W RF power LDMOS transistor is designed for cellular base station
applications requiring very wide instantaneous bandwidth capability covering
the frequency range of 920 to 960 MHz.
 Typical Single--Carrier W--CDMA Performance: VDD =28 Vdc,
IDQ = 1400 mA, Pout = 56 W Avg., Input Signal PAR = 9.9 dB @ 0.01%
Probability on CCDF.
Frequency
Gps
(dB)
D
(%)
Output PAR
(dB)
ACPR
(dBc)
IRL
(dB)
920 MHz
19.6
34.1
6.9
–35.2
–28
940 MHz
19.6
34.7
7.0
–35.4
–18
960 MHz
19.4
35.6
6.8
–34.7
–12
Features
 Designed for Wide Instantaneous Bandwidth Applications
 Greater Negative Gate--Source Voltage Range for Improved Class C
Operation
 Designed for Digital Predistortion Error Correction Systems
 Able to Withstand Extremely High Output VSWR and Broadband
Operating Conditions
 Optimized for Doherty Applications
Document Number: AFT09S200W02S
Rev. 0, 4/2015
Freescale Semiconductor
Technical Data
920–960 MHz, 56 W AVG., 28 V
AIRFAST RF POWER LDMOS
TRANSISTOR
AFT09S200W02SR3
Figure 1. Pin Connections
NI--780S--2L
(Top View)
RFin/VGS 21 RFout/VDS
 Freescale Semiconductor, Inc., 2015. All rights reserved.


Similar Part No. - AFT09S200W02S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFT09S200W02GNR3 NXP-AFT09S200W02GNR3 Datasheet
862Kb / 19P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 4/2014
AFT09S200W02N NXP-AFT09S200W02N Datasheet
862Kb / 19P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 4/2014
AFT09S200W02NR3 NXP-AFT09S200W02NR3 Datasheet
862Kb / 19P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 4/2014
More results

Similar Description - AFT09S200W02S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T14H450-23N NXP-A2T14H450-23N Datasheet
602Kb / 17P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 01/2017
A2T18H410-24S NXP-A2T18H410-24S Datasheet
589Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2015
A2T18S260W12N NXP-A2T18S260W12N Datasheet
321Kb / 14P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 2/2016
A2T23H160-24S NXP-A2T23H160-24S Datasheet
455Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 11/2015
A2T23H200W23S NXP-A2T23H200W23S Datasheet
796Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 07/2017
A2T26H160-24S NXP-A2T26H160-24S Datasheet
604Kb / 17P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A3T18H455W23S NXP-A3T18H455W23S Datasheet
504Kb / 17P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 09/2017
A3T21H360W23S NXP-A3T21H360W23S Datasheet
402Kb / 16P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 08/2017
AFT09S220-02N NXP-AFT09S220-02N Datasheet
481Kb / 19P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 9/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com