Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09S200W02S Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AFT09S200W02S
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02S Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AFT09S200W02S Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 9Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 10Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 11Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
AFT09S200W02SR3
P1dB -- TYPICAL LOAD PULL CONTOURS — 940 MHz
1
0
0.5
11.5
3.5
0.5
--1
--1.5
2
--2
0
--2.5
2.5
3
--0.5
1
0
0.5
11.5
3.5
0.5
--1
--1.5
2
--2
0
--2.5
2.5
3
--0.5
1
0
0.5
11.5
3.5
0.5
--1
--1.5
2
--2
0
--2.5
2.5
3
--0.5
NOTE:
= Maximum Output Power
= Maximum Drain Efficiency
P
E
Gain
Drain Efficiency
Linearity
Output Power
Figure 8. P1dB Load Pull Output Power Contours (dBm)
REAL ()
1
0
0.5
11.5
3.5
0.5
--1
--1.5
2
--2
0
Figure 9. P1dB Load Pull Efficiency Contours (%)
REAL ()
Figure 10. P1dB Load Pull Gain Contours (dB)
REAL ()
Figure 11. P1dB Load Pull AM/PM Contours ()
REAL ()
--2.5
2.5
3
--0.5
P
E
50
50.5
51
51.5
52
52.5
53
53.5
54
64 62 60 58
56
54 52
50
P
E
50
52
66
P
E
23
21
20.5
20
19.5
19
22.5
22
21.5
--10
--16
--18
P
E
--4
--6
--8
--12
--14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com