Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09S200W02S Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFT09S200W02S
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02S Datasheet(HTML) 5 Page - NXP Semiconductors

  AFT09S200W02S Datasheet HTML 1Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 2Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 3Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AFT09S200W02SR3
5
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
--24
--0
--6
--12
--18
--30
--4.5
--2.5
--3
--3.5
--4
--5
820
f, FREQUENCY (MHz)
Figure 3. Single--Carrier Output Peak--to--Average Ratio Compression
(PARC) Broadband Performance @ Pout = 56 Watts Avg.
18.2
20.2
20
19.8
--38
38
37
36
35
--28
--30
--32
--34
19.6
19.4
19.2
19
18.8
18.6
18.4
840
860
880
900
920
940
960
980
34
--36
ACPR
D
PARC
Gps
IRL
VDD =28 Vdc,Pout =56 W (Avg.),IDQ = 1400 mA
Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 9.9 dB @ 0.01% Probability on CCDF
Figure 4. Intermodulation Distortion Products
versus Two--Tone Spacing
TWO–TONE SPACING (MHz)
10
–75
0
–15
–30
1
300
–45
VDD =28 Vdc,Pout = 82 W (PEP)
IDQ = 1400 mA, Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 940 MHz
IM5–U
IM7–L
IM3–L
100
–60
IM3–U
IM5–L
IM7–U
Figure 5. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
Pout, OUTPUT POWER (WATTS)
--1
--3
20
0
--2
--4
5
35
50
95
0
60
50
40
30
20
10
65
ACPR
PARC
--55
--25
--30
--35
--45
--40
--50
20.5
20
19.5
19
18.5
18
17.5
Gps
--5
1
--2 dB = 40 W
80
--1 dB = 27 W
--3 dB = 56 W
D
VDD =28 Vdc,IDQ = 1400 mA, f = 940 MHz
Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 9.9 dB
@ 0.01% Probability on CCDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com