Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2211APWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2211APWPR
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211APWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2211APWPR Datasheet HTML 1Page - Texas Instruments TPS2211APWPR Datasheet HTML 2Page - Texas Instruments TPS2211APWPR Datasheet HTML 3Page - Texas Instruments TPS2211APWPR Datasheet HTML 4Page - Texas Instruments TPS2211APWPR Datasheet HTML 5Page - Texas Instruments TPS2211APWPR Datasheet HTML 6Page - Texas Instruments TPS2211APWPR Datasheet HTML 7Page - Texas Instruments TPS2211APWPR Datasheet HTML 8Page - Texas Instruments TPS2211APWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPS2211A
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS282A – SEPTEMBER 2000 – REVISED NOVEMBER 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VI(5V)
0
5.25
V
Input voltage, VI
VI(3.3V)
0
5.25
V
In ut voltage, VI
VI(12V)
0
13.5
V
Output current
IO(AVCC)
1
A
Output current
IO(AVPP)
150
mA
Operating virtual junction temperature, TJ
–40
125
°C
electrical characteristics, TA = –40°C to 85°C (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
5 V to AVCC
VI(5V) = 5 V
70
120
m
Ω
3.3 V to AVCC
VI(3.3V) = 3.3 V
70
120
m
Ω
Switch resistance
5 V to AVPP
TA = 25°C
4
6
Switch resistance
3.3 V to AVPP
TA = 25°C
4
6
Ω
12 V to AVPP
TA = 25°C
1
2
Ω
VO(AVPP)
Clamp low voltage
Ipp at 10 mA
0.3
0.8
V
VO(AVCC) Clamp low voltage
ICC at 10 mA
0.1
0.8
V
I
high impedance state
TA = 25°C
1
10
I
Leakage current
Ipp high-impedance state
TA = 85°C
50
A
Ilkg
Leakage current
I
high impedance state
TA = 25°C
1
10
µA
ICC high-impedance state
TA = 85°C
50
VI(5V) = 5 V
VO(AVCC) = 5 V, VO(AVPP) = 12 V
40
75
II
Input current
VI(5V) = 0 V,
VI(3.3V) = 3.3 V
VO(AVCC) = 3.3 V, VO(AVPP) = 12 V
50
90
µA
Shutdown mode
VO(AVCC) = VO(AVPP) = Hi-Z
1
IOS
Short-circuit
IO(AVCC)
TA = 85°C, output powered into a
1
2.5
A
IOS
Short circuit
output-current limit
IO(AVPP)
TA = 85 C, out ut owered into a
short to GND
180
400
mA
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
logic section
PARAMETER
TEST CONDITIONS†
MIN
MAX
UNIT
Logic input current
1
µA
Logic input high level
2
V
Logic input low level
0.8
V
Logic output high level OC
VI(5V) = 5 V, IO = 0.2 mA
VI(5V) – 0.4
V
Logic output high level, OC
VI(5V) = 0 V, IO = 0.2 mA, VI(3.3V) = 3.3 V
VI(3.3V) – 0.4
V
Logic output low level, OC
IO = 1 mA
0.4
V
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com