Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2211APWPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2211APWPR
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211APWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2211APWPR Datasheet HTML 11Page - Texas Instruments TPS2211APWPR Datasheet HTML 12Page - Texas Instruments TPS2211APWPR Datasheet HTML 13Page - Texas Instruments TPS2211APWPR Datasheet HTML 14Page - Texas Instruments TPS2211APWPR Datasheet HTML 15Page - Texas Instruments TPS2211APWPR Datasheet HTML 16Page - Texas Instruments TPS2211APWPR Datasheet HTML 17Page - Texas Instruments TPS2211APWPR Datasheet HTML 18Page - Texas Instruments TPS2211APWPR Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TPS2211A
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS282A – SEPTEMBER 2000 – REVISED NOVEMBER 2002
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
VCC
FB
OUT
GND
EN
REF
SS
COMP
1
2
3
4
8
7
6
5
TPS6734
3.3 V or 5 V
ENABLE
(see Note A)
+
33
µF, 20 V
L1
18
µH
C5
D1
U1
C4 0.001
µF
+
C1
C2
0.01
µF
R1
10 k
Ω
33
µF, 20 V
AVCC
AVCC
AVCC
AVPP
VCCD0
VCCD1
VPPD0
VPPD1
OC
SHDN
GND
0.1
µF
0.1
µF
To CPU
TPS2211A
12 V
5 V
5 V
10
µF
0.1
µF
5 V
3.3 V
3.3 V
10
µF
0.1
µF
3.3 V
12 V
+
+
NOTE A: The enable terminal can be tied to a general-purpose I/O terminal on the PCMCIA controller or tied high.
Figure 26. TPS2211A With TPS6734 12-V, 120-mA Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com