Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2211APWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2211APWPR
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211APWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2211APWPR Datasheet HTML 2Page - Texas Instruments TPS2211APWPR Datasheet HTML 3Page - Texas Instruments TPS2211APWPR Datasheet HTML 4Page - Texas Instruments TPS2211APWPR Datasheet HTML 5Page - Texas Instruments TPS2211APWPR Datasheet HTML 6Page - Texas Instruments TPS2211APWPR Datasheet HTML 7Page - Texas Instruments TPS2211APWPR Datasheet HTML 8Page - Texas Instruments TPS2211APWPR Datasheet HTML 9Page - Texas Instruments TPS2211APWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TPS2211A
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS282A – SEPTEMBER 2000 – REVISED NOVEMBER 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 2. AVCC Propagation Delay and Rise Time
With 1-
µF Load, 3.3-V Switch
01
2
3
4
5
6
7
8
9
t – Time – ms
VCCD1
(2 V/div)
AVCC
(2 V/div)
VCCD0 = 3.3 V
Figure 3. AVCC Propagation Delay and Fall Time
With 1-
µF Load, 3.3-V Switch
0
5
10
15
20
25
30
35
40
45
t – Time – ms
VCCD1
(2 V/div)
AVCC
(2 V/div)
VCCD0 = 3.3 V
Figure 4. AVCC Propagation Delay and Rise Time
With 150-
µF Load, 3.3-V Switch
0
1
23
4
5
6
78
9
t – Time – ms
VCCD1
(2 V/div)
AVCC
(2 V/div)
VCCD0 = 3.3 V
Figure 5. AVCC Propagation Delay and Fall Time
With 150-
µF Load, 3.3-V Switch
0
5
10
15
20
25
30
35
40
45
t – Time – ms
VCCD1
(2 V/div)
AVCC
(2 V/div)
VCCD0 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com