Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2211APWPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2211APWPR
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211APWPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2211APWPR Datasheet HTML 11Page - Texas Instruments TPS2211APWPR Datasheet HTML 12Page - Texas Instruments TPS2211APWPR Datasheet HTML 13Page - Texas Instruments TPS2211APWPR Datasheet HTML 14Page - Texas Instruments TPS2211APWPR Datasheet HTML 15Page - Texas Instruments TPS2211APWPR Datasheet HTML 16Page - Texas Instruments TPS2211APWPR Datasheet HTML 17Page - Texas Instruments TPS2211APWPR Datasheet HTML 18Page - Texas Instruments TPS2211APWPR Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TPS2211A
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS282A – SEPTEMBER 2000 – REVISED NOVEMBER 2002
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
calculating junction temperature
The switch resistance, rDS(on), is dependent on the junction temperature, TJ, of the die and the current through
the switch. To calculate TJ, first find rDS(on) from Figures 16 through 18 using an initial temperature estimate
about 50
°C above ambient. Then calculate the power dissipation for each switch, using the formula:
P
D + rDS on
I2
Next, sum the power dissipation and calculate the junction temperature:
T
J +
P
D
RqJA ) TA,RqJA + 108°C W
Compare the calculated junction temperature with the initial temperature estimate. If the temperatures are not
within a few degrees of each other, recalculate using the calculated temperature as the initial estimate.
ESD protection
All TPS2211A inputs and outputs incorporate ESD-protection circuitry designed to withstand a 2-kV human-body-
model discharge as defined in MIL-STD-883C, Method 3015. The AVCC and AVPP outputs can be exposed to
potentially higher discharges from the external environment through the PC Card connector. Bypassing the out-
puts with 0.1-
µF capacitors protects the devices from discharges up to 10 kV.
SHDN
VPPD0
VPPD1
VCCD0
VCCD1
OC
Internal
Current Monitor
GND
Thermal
CS
CS
S4
S5
S6
13
12
11
10
17
51
18
52
VCC1
VCC2
Vpp1
Vpp2
Card B
S1
S2
S3
3
4
5
6
9
16
15
14
1
2
8
7
CPU
Controller
3.3 V
3.3 V
5 V
5 V
12 V
TPS2211A
See Note A
See Note B
NOTE A: MOSFET switch S6 has a back-gate diode from the source to the drain. Unused switch inputs should never be grounded.
NOTE B: The diagram refers to the 16-pin DB package.
Figure 25. Internal Switching Matrix, TPS2211A Control Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com